Electronic Components Datasheet Search
  English  ▼

X  

ADF4212 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4212
Description  Dual RF/IF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4212 Datasheet HTML 2Page - Analog Devices ADF4212 Datasheet HTML 3Page - Analog Devices ADF4212 Datasheet HTML 4Page - Analog Devices ADF4212 Datasheet HTML 5Page - Analog Devices ADF4212 Datasheet HTML 6Page - Analog Devices ADF4212 Datasheet HTML 7Page - Analog Devices ADF4212 Datasheet HTML 8Page - Analog Devices ADF4212 Datasheet HTML 9Page - Analog Devices ADF4212 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. A
ADF4210/ADF4211/ADF4212/ADF4213
–6–
–Typical Performance Characteristics
FREQUENCY
S11 REAL
S11 IMAG
50000000.0
150000000.0
250000000.0
350000000.0
450000000.0
550000000.0
650000000.0
750000000.0
850000000.0
950000000.0
1050000000.0
1150000000.0
1250000000.0
1350000000.0
1450000000.0
1550000000.0
1650000000.0
1750000000.0
1850000000.0
1950000000.0
2050000000.0
0.955683
0.956993
0.935463
0.919706
0.871631
0.838141
0.799005
0.749065
0.706770
0.671007
0.630673
0.584013
0.537311
0.505090
0.459446
0.381234
0.363150
0.330545
0.264232
0.242065
0.181238
–0.052267
–0.112191
–0.185212
–0.252576
–0.323799
–0.350455
–0.408344
–0.455840
–0.471011
–0.535268
–0.557699
–0.604256
–0.622297
–0.642019
–0.686409
–0.693908
–0.679602
–0.721812
–0.697386
–0.711716
–0.723232
2150000000.0
2250000000.0
2350000000.0
2450000000.0
2550000000.0
2650000000.0
2750000000.0
2850000000.0
2950000000.0
0.138086
0.102483
0.054916
0.018475
–0.019935
–0.054445
–0.083716
–0.129543
–0.154974
–0.699896
–0.704160
–0.696325
–0.669617
–0.668056
–0.666995
–0.634725
–0.615246
–0.610398
FREQUENCY
S11 REAL
S11 IMAG
TPC 1. S-Parameter Data for the ADF4213 RF Input
(Up to 3.0 GHz)
–2kHz
–1kHz
900MHz
+1kHz
+2kHz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 19
–91.2dBc/Hz
REFERENCE
LEVEL = –5.2dBm
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
TPC 2. ADF4213 Phase Noise (900 MHz, 200 kHz, 20 kHz)
10dB/DIVISION
RL = –40dBc/Hz
RMS NOISE = 0.6522
100Hz
FREQUENCY OFFSET FROM 900MHz CARRIER
1MHz
0.65 rms
–90
–80
–70
–60
–50
–40
–100
–110
–120
–130
–140
1kHz
10kHz
100kHz
TPC 3. ADF4213 Integrated Phase Noise (900 MHz,
200 kHz, 35 kHz, Typical Lock Time: 200
µs)
0
–30
–20
–10
0
TA = +25 C
TA = –40 C
–35
–25
–5
–15
RF INPUT FREQUENCY – GHz
VDD = 3V
VP = 3V
12
3
TA = +85 C
TPC 4. Input Sensitivity (ADF4213)
10dB/DIVISION
RL = –40dBc/Hz
RMS NOISE = 0.5421
100Hz
FREQUENCY OFFSET FROM 900MHz CARRIER
1MHz
0.54 rms
–90
–80
–70
–60
–50
–40
–100
–110
–120
–130
–140
1kHz
10kHz
100kHz
TPC 5. ADF4213 Integrated Phase Noise (900 MHz, 200 kHz,
20 kHz, Typical Lock Time: 400
µs)
–400kHz
–200kHz
900MHz
200kHz
400kHz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 4.2 SECONDS
AVERAGES = 20
–91.0dBc/Hz
REFERENCE
LEVEL = –5.7dBm
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
TPC 6. ADF4213 Reference Spurs (900 MHz, 200 kHz, 20 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com