Electronic Components Datasheet Search
  English  ▼

X  

ADG918 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG918
Description  Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG918 Datasheet(HTML) 2 Page - Analog Devices

  ADG918 Datasheet HTML 1Page - Analog Devices ADG918 Datasheet HTML 2Page - Analog Devices ADG918 Datasheet HTML 3Page - Analog Devices ADG918 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
–2–
REV. PrC
ADG918/ADG919–SPECIFICATIONS1
(VDD = +1.65 V to +2.75 V, GND = 0 V, All specifications TMIN to TMAX unless otherwise noted)
PRELIMINARY TECHNICAL DATA
B Version
Parameter
Symbol
Conditions
Min
Typ
2
Max
Units
AC ELECTRICAL CHARACTERISTICS
Operating Frequency
DC
2
GHz
Insertion Loss
S21, S12
DC - 100 MHz
0.4
dB
500 MHz
0.65
dB
900 MHz
1.0
dB
Isolation- RF to RF1/RF2
S21, S12
1 MHz
100
dB
100 MHz
55
dB
500 MHz
dB
1000 MHz
43
dB
Isolation - RF1 to RF2
S21, S12
1 MHz
100
dB
100 MHz
55
dB
500 MHz
dB
1000 MHz
30
dB
Return Loss (On Channel)
S11, S22
DC - 100 MHz
26
dB
500 MHz
dB
1000 MHz
23
dB
On switching Time
tON
50% Control to 90% RF
5
ns
Off Switching Time
tOFF
50% Control to 10% RF
4
ns
1 dB Compression
P-1dB
DC to 1000 MHz
20
dBm
Third Order Intermodulation intercept
IP3
900MHz, 5dBm
35
dBm
DC ELECTRICAL CHARACTERISTICS
Input High Voltage
VINH
VDD = 2.3 V to 2.75 V
1.7
V
VINH
VDD = 1.65 V to 1.95 V
0.65VCC
V
Input Low Voltage
VINL
VDD = 2.3 V to 2.75 V
0.7
V
VINL
VDD = 1.65 V to 1.95 V
0.35VCC
V
Input Leakage Current
II
0
VIN
2.75 V
±1
µA
CAPACITANCE
3
RF1/RF2, RF Port On Capacitance
CRF ON
f = 1 MHz
2
pF
Control Input Capacitance
CIN
f = 1 MHz
2
pF
POWER REQUIREMENTS
VDD
1.65
2.75
V
Quiescent Power Supply Current
IDD
Digital Inputs = 0 V or VDD
15
µA
NOTES
1Temperature range is as follows: B Version: –40°C to +85°C.
2 Typical values are at +25°C unless otherwise stated.
3 Guaranteed by design, not subject to production test.
Specifications subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com