Electronic Components Datasheet Search
  English  ▼

X  

CXM-9 Datasheet(PDF) 1 Page - Cree, Inc

Part # CXM-9
Description  ANGELA series
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXM-9 Datasheet(HTML) 1 Page - Cree, Inc

  CXM-9 Datasheet HTML 1Page - Cree, Inc CXM-9 Datasheet HTML 2Page - Cree, Inc CXM-9 Datasheet HTML 3Page - Cree, Inc CXM-9 Datasheet HTML 4Page - Cree, Inc CXM-9 Datasheet HTML 5Page - Cree, Inc CXM-9 Datasheet HTML 6Page - Cree, Inc CXM-9 Datasheet HTML 7Page - Cree, Inc CXM-9 Datasheet HTML 8Page - Cree, Inc CXM-9 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
PRODUCT DATASHEET
ANGELA series
last update 3/11/2016
DETAILS
Product Number
FCN13705_ANGELA-S
Family
ANGELA
Type
RefPack
Color
metal
Diameter
119,5 mm
Height
79,31 mm
Style
round
Optic Material
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
3/11/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO13
8 deg
Spot
94 %
22.480
LEDiL: LEDiL
VERO18
12 deg
Spot
93 %
11.000
LEDiL: LEDiL
V15 Gen6
10 deg
Spot
92 %
15.300
Bender Wirth: 456 Typ L2
V10 Gen7
sim: 10
Spot
sim: 91 % sim: 15.300 Bender Wirth: 434 Typ L1
CLU720/721
7 deg
Spot
88 %
26.100
Bender Wirth: 433 Typ L1
CLL03x/CLU03x
10 deg
Spot
88 %
15.000
Bender Wirth: 433 Typ L1
CLU700/701
5 deg
Spot
88 %
57.800
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
6 deg
Spot
90 %
34.100
Bender Wirth: 434 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 8 deg
Spot
89 %
22.600
Bender Wirth: 437 Typ L1
CXA/B 15xx
5.8 deg
Spot
92 %
37.600
Bender Wirth: 441 Typ L1
LUXEON CoB 1202/1203
6 deg
Spot
91 %
36.000
Bender Wirth: 438 Typ L1
CXM-14
sim: 10
Spot
sim: 88 % sim: 15.000 Bender Wirth: 433 Typ L1
CXM-9
sim: 6
Spot
sim: 90 % sim: 34.100 Bender Wirth: 434 Typ L1
COB L-Type (LES 9)
6 deg
Spot
93 %
39.000
Bender Wirth: 438 Typ L1
COB J-Type
9 deg
Spot
89 %
15.200
Bender Wirth: 463 Typ L2
COB L-Type (LES 11)
7 deg
Spot
89 %
24.300
Bender Wirth: 438 Typ L1
Soleriq P13
9 deg
Spot
94 %
17.000
Bender Wirth: 437 Typ L1
Soleriq S13
8 deg
Spot
89 %
21.000
Bender Wirth: 437 Typ L1
LC026B/LC040B
11 deg
Spot
8 %
10.700
Bender Wirth: 450 Typ L2
ZC12/18
sim: 10
Spot
sim: 88 % sim: 15.000 Bender Wirth: 433 Typ L1
ZC4/6
sim: 6
Spot
sim: 90 % sim: 34.100 Bender Wirth: 434 Typ L1
SLE G5 LES11
7 deg
Spot
91 %
30.100
Bender Wirth: 434 Typ L1
May 23rd 2017 5:39 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CXM-9

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXM-9 CREE-CXM-9 Datasheet
3Mb / 72P
Winnie series
CXM-9 CREE-CXM-9 Datasheet
2Mb / 40P
ANGELA series
logo
Luminus, Inc
CXM-9 LUMINUS-CXM-9 Datasheet
1Mb / 13P
COB Arrays White LED
CXM-9-18-70-36-AC48-F5-3 LUMINUS-CXM-9-18-70-36-AC48-F5-3 Datasheet
1Mb / 23P
Custom Color COB Arrays LED Specialty Lighting
CXM-9-22-90-36-TA60-F7-2 LUMINUS-CXM-9-22-90-36-TA60-F7-2 Datasheet
1Mb / 15P
Generation 6 CXM-9 COB Arrays White LED
2023
More results

Similar Description - CXM-9

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13706 CREE-FCN13706 Datasheet
2Mb / 40P
ANGELA series
FCN14381 CREE-FCN14381 Datasheet
560Kb / 7P
ANGELA series
F13379 CREE-F13379 Datasheet
5Mb / 100P
ANGELA series
F13380 CREE-F13380 Datasheet
5Mb / 108P
ANGELA series
F13663 CREE-F13663 Datasheet
5Mb / 100P
ANGELA series
F13840 CREE-F13840 Datasheet
5Mb / 88P
ANGELA series
FC13980 CREE-FC13980 Datasheet
2Mb / 17P
ANGELA series
FC13983 CREE-FC13983 Datasheet
2Mb / 15P
ANGELA series
FC13987 CREE-FC13987 Datasheet
2Mb / 17P
ANGELA series
logo
Ledil, Inc.
F13379 LEDIL-F13379 Datasheet
9Mb / 209P
Angela series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com