Electronic Components Datasheet Search
  English  ▼

X  

AND8067 Datasheet(PDF) 4 Page - ON Semiconductor

Part # AND8067
Description  NL27WZ04 Dual Gate Inverter Oscillator Increases the Brightness of LEDs While Reducing Power Consumption
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8067 Datasheet(HTML) 4 Page - ON Semiconductor

  AND8067 Datasheet HTML 1Page - ON Semiconductor AND8067 Datasheet HTML 2Page - ON Semiconductor AND8067 Datasheet HTML 3Page - ON Semiconductor AND8067 Datasheet HTML 4Page - ON Semiconductor AND8067 Datasheet HTML 5Page - ON Semiconductor AND8067 Datasheet HTML 6Page - ON Semiconductor AND8067 Datasheet HTML 7Page - ON Semiconductor AND8067 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AND8067/D
http://onsemi.com
4
Figure 8. “ON” Time Oscillator Subcircuit
U1A
R2
12 k
Ω
C2
0.01
µF
V4
V1
V2
Figure 9. “OFF” Time Oscillator Subcircuit
U1B
R1
12 k
Ω
C1
0.1
µF
V2
V3
V4
The equations are developed to predict the time it takes the
RC circuits to discharge to the threshold switching voltage
of the inverter. The threshold voltage of the inverters will be
assumed to be one–half the supply voltage, which is equal
to the average of the High–Level–Input Voltage (VIH) and
the Low–Level Input Voltage (VIL). The NL27WZ04
specifies VIH as 0.7 × VCC (minimum) and VIL as 0.3 × VCC
(maximum). In addition, the initial voltage or the output
“High” voltage (VOH) of the inverter is assumed to be equal
to VCC. The actual VOH value is a function of the output
current and decreases as the output current increases.
The general equation for a RC circuit discharging to a
logic switching threshold voltage (Vth) with an initial
voltage (Vi) is as follows.
Vth + Vi
e
–t
R
@ C
These assumptions result in the equation listed below that
can be solved for time (t).
Assume
Vth + 0.5
V
and
Vi + VOH ^ VCC
Then
t
+* RC ln
Vth
VCC
+* RC ln
0.5
VCC
VCC
^ 0.693
RC
LED “ON” Time
The LED’s “ON” time is controlled by the discharge time
t1 at inverter U1A, as shown from the equation listed below.
t1 ^ 0.693
R2C2
Substituting values into the equation yields:
t1 ^ 0.693
(12000
W)(0.01 mF) ^ 83.2 ms
LED “OFF” Time
The LED’s “OFF” time is controlled by the discharge time
t2 at inverter U1B, as shown from the equation listed below.
t2 ^ 0.693
R1C1
Substituting the values into the equation yields:
t2 ^ 0.693
(12000
W)(0.1 mF) ^ 832 ms
LED Oscillation Frequency
The time period (T) of the oscillator is equal to the sum of
the charge times in the first and second RC stages. Note the
propagation delay of the inverters can be ignored at the LED
circuit’s oscillation frequency of 1 kHz.
T
+ t1 ) t2
T
+ 83.2 ms ) 832 ms + 915 ms
f
+ 1
T
+
1
915
ms +
1.09 kHz
LED Duty Cycle
The duty cycle (DS) for the oscillator at V1 is given by the
equation:
DSV1 +
t1
t2
100%
The duty cycle of the oscillator is proportional to the ratio
of the two time constants that are set by capacitors C1 and C2.
The LED oscillator has a duty cycle of ten percent as shown
below.
DSV1 +
83.2
ms
832
ms
100%
+ 10%
Experimental Results
The operating characteristics of the pulsed LED oscillator
circuit were compared to the DC circuit shown in Figure 10.
The DC circuit’s current limiting resistor R5 was selected so
the current through the LED was equal to the average (RMS)
current of the oscillator circuit’s LED. A high efficiency
green GaP/GaP LED from Chicago Miniature Lamp (part
number CMD64531) was used to evaluate the circuits. The
resistor and capacitor values are listed below.
Component Values
LED Oscillator Circuit (Figure 1):
R1 = R2 = 12 kΩ
R3 = 39 Ω
R4 = 1 MΩ
C1 = 0.1
µF
C2 = 0.01
µF
DC LED Circuit (Figure 10):
R5 = 680 Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com