Electronic Components Datasheet Search
  English  ▼

X  

AMA2805S Datasheet(PDF) 5 Page - International Rectifier

Part # AMA2805S
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2805S Datasheet(HTML) 5 Page - International Rectifier

  AMA2805S Datasheet HTML 1Page - International Rectifier AMA2805S Datasheet HTML 2Page - International Rectifier AMA2805S Datasheet HTML 3Page - International Rectifier AMA2805S Datasheet HTML 4Page - International Rectifier AMA2805S Datasheet HTML 5Page - International Rectifier AMA2805S Datasheet HTML 6Page - International Rectifier AMA2805S Datasheet HTML 7Page - International Rectifier AMA2805S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMA28XXD SERIES
5
2016-05-18
Radiation Specifications
Block Diagram
Application Information
Inhibit Function
Connecting the inhibit input (Pin 5) to input common (Pin 7)
will cause the converter to shut down. It is recommended
that the enable pin be driven by an open collector device
capable of sinking at least 400 mA of
current. The open
circuit voltage of the inhibit input is 10 +1.0 VDC
EMI Filter
An optional EMI filter is available (ASF461 or AFH461) will
reduce the input ripple current to levels below the limits
imposed by MIL-STD-461 CE03. 
6
+Input
7
Input
Return
Housekeeping
Supply
1 +Output
3 -Output
Error
Amplifier
Controller
CS
5
Inhibit
8 Case
2 Output
Return
Thermal Considerations
Irrespective of the fact that the AMA28XXD series of
converters are relatively low power devices and are
designed to provide efficient voltage conversion, there
will be some heat generated during normal operation.
To avoid a continuous thermal rise that may eventually
exceed the maximum case temperature rating and to
maintain a safe operating environment for the internal
components, these converters should be attached to a
heat conducting surface allowing a continuous flow of
the heat away from the base plate. This becomes more
important
when
operating
in
the
near
vacuum
environment of space which provides no alternate heat
radiating path.
Parameter
Condition
Min
Typ
Max
Unit
Total Ionizing Dose
MIL-STD-883, Method 1019.4
Operating bias applied during exposure
25
kRads (Si)
Heavy Ion
(Single event effects)
BNL Dual Van de Graf Generator
60
MeV·cm2/mg
IR HiRel currently does not have a DLA certified Radiation Hardness Assurance Program.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com