Electronic Components Datasheet Search
  English  ▼

X  

AMF2815S Datasheet(PDF) 6 Page - International Rectifier

Part # AMF2815S
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2815S Datasheet(HTML) 6 Page - International Rectifier

  AMF2815S Datasheet HTML 1Page - International Rectifier AMF2815S Datasheet HTML 2Page - International Rectifier AMF2815S Datasheet HTML 3Page - International Rectifier AMF2815S Datasheet HTML 4Page - International Rectifier AMF2815S Datasheet HTML 5Page - International Rectifier AMF2815S Datasheet HTML 6Page - International Rectifier AMF2815S Datasheet HTML 7Page - International Rectifier AMF2815S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AMF28XXXXS SERIES
(28V Input, Single Output)
6
2016-05-16
Pin Designation
Mechanical Outline
 
Pin #
Designation
1
Enable
2
Sync Input
3
+ Output
4
Output Return
5
NC
6
Case Ground
7
Input Return
8
+ Input
Standard Microcircuit Drawing
Equivalence
Standard Microcircuit
IR Hirel Standard
Drawing Number
Part Number
5962-04252
AMF2805S
5962-04253
AMF2812S
5962-04254
AMF2815S
5962-10223
AMF2803R3S
1.600
1.85
1.13
1.380
0.40
0.60
0.80
1.00
0.19
0.17
2.10
0.33
Tolerance unless otherwise specified:
X.XX ±0.010
X.XXX ±0.005
Ø 0.140
0.03D x 0.25L
8 Pins



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com