Electronic Components Datasheet Search
  English  ▼

X  

AMR2805D Datasheet(PDF) 4 Page - International Rectifier

Part # AMR2805D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMR2805D Datasheet(HTML) 4 Page - International Rectifier

  AMR2805D Datasheet HTML 1Page - International Rectifier AMR2805D Datasheet HTML 2Page - International Rectifier AMR2805D Datasheet HTML 3Page - International Rectifier AMR2805D Datasheet HTML 4Page - International Rectifier AMR2805D Datasheet HTML 5Page - International Rectifier AMR2805D Datasheet HTML 6Page - International Rectifier AMR2805D Datasheet HTML 7Page - International Rectifier AMR2805D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMR28XXD SERIES
(28V Input, Dual Output)
4
2016-06-29
Dynamic Characteristics -55°C ≤ TCASE ≤ +125°C, VIN = 28VDC ± 5%, CL = 0, unless otherwise specified.
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Output Response To Step
Transient Load Changes 4, 9
AMR2805D
AMR2812D
AMR2815D
AMR2805D
AMR2812D
AMR2815D
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
Load step 50%
100%
Load step 0%
50%
-400
-400
-400
-400
-800
-800
+400
+400
+400
+400
+800
+800
mV pk
Recovery Time, Step Transient
Load Changes 4, 9, 10
AMR2805D
AMR2812D
AMR2815D
AMR2805D
AMR2812D
AMR2815D
AMR2805D
AMR2812D
AMR2815D
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
Load step 50%
 100%
Load step 0%
50%
Load step 50%
 0%
70
70
70
500
500
500
5
5
5
s
s
s
Output Response Transient Step
Line Changes
4, 7, 11
AMR2805D
AMR2812D
AMR2815D
4, 5, 6
4, 5, 6
4, 5, 6
Input step from/to 16 to 40VDC,
100% load
-500
-1200
-1500
+500
+1200
+1500
mV pk
Recovery Time Transient Step Line
Changes 4, 7, 10, 11
AMR2805D
AMR2812D
AMR2815D
4, 5, 6
4, 5, 6
4, 5, 6
Input step from/to 16 to 40VDC,
100% load
10
10
10
ms
Turn On Overshoot 4
AMR2805D
AMR2812D
AMR2815D
4, 5, 6
4, 5, 6
4, 5, 6
0% load to 100% load
450
600
750
mV pk
Turn On Delay 4, 12
AMR2805D
AMR2812D
AMR2815D
4, 5, 6
4, 5, 6
4, 5, 6
0% load to 100% load
25
25
25
ms
Short Circuit Recovery 7
AMR2805D
AMR2812D
AMR2815D
4, 5, 6
4, 5, 6
4, 5, 6
25
25
25
ms
For Notes to Specifications, refer to page 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com