Electronic Components Datasheet Search
  English  ▼

X  

FN14637 Datasheet(PDF) 2 Page - Cree, Inc

Part # FN14637
Description  Olivia series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FN14637 Datasheet(HTML) 2 Page - Cree, Inc

  FN14637 Datasheet HTML 1Page - Cree, Inc FN14637 Datasheet HTML 2Page - Cree, Inc FN14637 Datasheet HTML 3Page - Cree, Inc FN14637 Datasheet HTML 4Page - Cree, Inc FN14637 Datasheet HTML 5Page - Cree, Inc FN14637 Datasheet HTML 6Page - Cree, Inc FN14637 Datasheet HTML 7Page - Cree, Inc FN14637 Datasheet HTML 8Page - Cree, Inc FN14637 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
PRODUCT DATASHEET
Olivia series
last update 2/2/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CXA/B 13xx
14 deg
Spot
74 %
7.000
BJB: 47.319.6120
LUXEON CoB 1204/1205
sim: 23
Spot
sim: 72 % sim: 3.530 TE: 2213130-2
LUXEON CoB 1204/1205
23 deg
Spot
76 %
2.800
A.A.G. STUCCHI: 8301/G2
LUXEON CoB 1204/1205
26 deg
Spot
77 %
3.100
Bender Wirth: 432 Typ Z1
LUXEON CoB 1208
29 deg
Spot
77 %
2.400
Bender Wirth: 432 Typ Z1
LUXEON CoB Compact
15 deg
Spot
75 %
6.100
BJB: 47.319.6180
LUXEON CoB 1211
32 deg
Spot
73 %
1.480
BJB: 47.319.2030
LUXEON CoB 1216
37 deg
Spot
71 %
1.080
BJB: 47.319.2030
Fortimo SLM G5 LES 9 Poke-In
18 deg
Spot
78 %
4.950
-
Fortimo SLM G5 LES 13 Poke-In
25 deg
Spot
76 %
2.820
-
Fortimo SLM G5 LES 15 Poke-In
28 deg
Spot
76 %
2.230
-
Fortimo SLM G5 LES 19 Poke-In
35 deg
Spot
75 %
1.500
-
Fortimo SLM 1211 L19 G6 Poke-In
34 deg
Spot
75 %
1.500
-
SLE-013
21 deg
Spot
75 %
3.100
-
SLE-026/033/040
29 deg
Spot
74 %
1.740
-
COB D Series LES 9.8 mm
18 deg
Spot
77 %
4.400
BJB: 47.319.6060
COB D Series LES 9.8 mm
18 deg
Spot
770 %
4.400
A.A.G. STUCCHI: 8100/G2
COB D Series LES 14.5 mm
26 deg
Spot
76 %
2.220
A.A.G. STUCCHI: 8101/G2
COB D Series LES 14.5 mm
26 deg
Spot
76 %
2.220
BJB: 47.319.2021
Mega Zenigata (GW6DME)
sim: 29
Spot
sim: 77 % sim: 2.400 Bender Wirth: 432 Typ Z1
Mini Zenigata (GW6BM)
17 deg
Spot
75 %
4.800
BJB: 47.319.6180
SLE G5 LES15
24 deg
Spot
76 %
2.600
BJB: 47.319.2021
SLE G5 LES6
15 deg
Spot
74 %
5.800
BJB: 47.319.6060
SLE G5 LES15 H
23 deg
Spot
74 %
2.800
-
May 23rd 2017 4:56 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com