Electronic Components Datasheet Search
  English  ▼

X  

1062521 Datasheet(PDF) 2 Page - SICK AG

Part # 1062521
Description  POSITION SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1062521 Datasheet(HTML) 2 Page - SICK AG

  1062521 Datasheet HTML 1Page - SICK AG 1062521 Datasheet HTML 2Page - SICK AG 1062521 Datasheet HTML 3Page - SICK AG 1062521 Datasheet HTML 4Page - SICK AG 1062521 Datasheet HTML 5Page - SICK AG 1062521 Datasheet HTML 6Page - SICK AG 1062521 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MPS-160TLTQ0 | MPS-T
POSITION SENSORS
Ordering information
Type
Part no.
MPS-160TLTQ0
1062521
Other models and accessories
www.sick.com/MPS-T
Detailed technical data
Features
Cylinder type
T-slot
Cylinder types with adapter
Round body cylinder
Profile cylinders and tie-rod cylinders
Dovetail groove cylinder
SMC rail CDQ2
SMC rail ECDQ2
SMC cylinders with C-slot
Measuring range
160 mm 1)
Housing length
173 mm
Output function
IO-Link
Electrical wiring
DC 4-wire
Teach-in
✔
Enclosure rating
IP67 2)
IO-Link functions
Standard functions
1) , ± 1 mm.
2) According to EN 60529.
Mechanics/electronics
Supply voltage
15 V DC ... 30 V DC 1)
1) Reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) Without load.
3) Power Output, at 24 V.
4) Voltage output.
5) FSR: Full Scale Range; max. measuring range.
6) At 25 ° C, linearity error (maximum deviation) depending on response curve and minimal deviation function.
7) At 25 ° C, repeatability magnet movement in one direction.
8) Only in standard mode, not in IO-Link mode.
9) The analog measured value can deviate under transient conditions.
10) Do not bend below 0 °C.
2
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com