Electronic Components Datasheet Search
  English  ▼

X  

HAT2280R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2280R
Description  Power MOSFETs and IGBT for PDP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2280R Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2280R Datasheet HTML 1Page - Renesas Technology Corp HAT2280R Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
April 2010
Renesas Electronics
©2010. Renesas Electronics Corporation, All rights reserved.
Full Bridge
Vin
Vds(peak)=Vin + V(surge)
Pch
Nch
HAT3029R(30V)
HAT3031R(60V)
Nch&Pch in 1PKG
Half Bridge
Vin
Vds(peak)=Vin + V(surge)
Pch
Nch
HAT3029R(30V)
HAT3031R(60V)
Nch&Pch in 1PKG
HRV103A
HRV103A
Push/Pull
Vin
Vds(peak)=2Vin + V(surge)
Nch
Nch
HAT2215R(80V)
Dual Nch in 1PKG
VDSS
VGss
ID
Qgd
Qg
(V)
(V)
(A)
typ
max
typ
max
(nc)
(nC)
1 HAT2199R
30
±20
11
17
25
13
16.5
1.8
7.5
2 HAT2208R
30
±20
9
24
35
18
23
1.1
4.4
3 HAT2256R
Single
60
±20
8
28
41
24
30
3.2
10
4 HAT1131R
-30
±20
-9
21.5
31
15
19
5.8
17
5 HAT1132R
-30
±20
-7
27.5
40
20
25
5.2
11.5
6 HAT2276R
30
±20
7.5
27
40
19
24
1.2
4.6
7 HAT2280R
30
±20
6
40
58
27
34
1.1
3
8 HAT2275R
60
±20
6.6
29
43
25
32
3.2
10
9 HAT2215R
80
±20
3.4
100
145
88
115
1.3
7.3
10 HAT1126R
Pch+Pch
-60
±20
6
60
85
40
50
8
37
30
±20
6
40
58
27
34
1.1
3.1
-30
+10/-20
-6
36
53
25
32
4.4
11.5
45
±20
5
55
75
44
55
0.9
3.0
-45
+10/-20
-3.8
95
130
75
95
1.5
4.9
60
±20
6
32
45
25
32
8
18
-60
±20
-5
90
130
60
76
8
18
60
±20
6.6
29
43
25
32
2.8
10
-60
+10/-20
-3.4
120
175
95
120
2.2
6.0
60
±20
5
55
80
48
60
1.4
-
-60
±20
-3.8
90
130
80
100
2.8
-
80
±20
3.4
100
145
90
115
1.3
7.3
-80
±20
-2.6
200
290
165
210
2.4
16
100
±20
3.5
120
160
90
115
3.2
15
-100
±20
-2.3
300
500
240
300
3.1
16
16 HAT3021R
17 HAT3019R
No
Type No
13 HAT3010R
11
Nch+Pch
HAT3029R
HAT3031R
Max.Ratings
VGS=10v
RDS(on) (mΩ)
VGS=4.5v(8v)
Nch+Nch
15 HAT3038R
12 HAT3037R
14
Power MOSFETs for Backlight Inverter
Achieve Miniaturization and Higher Efficiency
Product Lineup
Example of Application Circuit (LCD TV, TFT Monitor, Note PC)
Features
Merits
Low on resistance, High-speed switching
Low Qg, Low Qgd
Small package, Built-in 2 elements
Mniaturization
High efficiency



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com