Electronic Components Datasheet Search
  English  ▼

X  

Z8FS021 Datasheet(PDF) 28 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 28 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 24Page - Zilog, Inc. Z8FS021 Datasheet HTML 25Page - Zilog, Inc. Z8FS021 Datasheet HTML 26Page - Zilog, Inc. Z8FS021 Datasheet HTML 27Page - Zilog, Inc. Z8FS021 Datasheet HTML 28Page - Zilog, Inc. Z8FS021 Datasheet HTML 29Page - Zilog, Inc. Z8FS021 Datasheet HTML 30Page - Zilog, Inc. Z8FS021 Datasheet HTML 31Page - Zilog, Inc. Z8FS021 Datasheet HTML 32Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
PS028806-0315
White Light Detection
ZMOTION® Intrusion Detection
Product Specification
20
detection of White Light and stays set until cleared by the application. No other action is
required by the application.
Additionally, an Anti-Jam feature is available via bit 5 of the ePIR_ASC0 Register to pre-
vent intentional jamming of the detector. When Anti-Jam is on, the Engine looks for con-
tinuous white light events occurring within a short time span (for example, a malicious
intruder continuously flashing a bright light onto the detector). After 12 white light events
within a short time period, the Engine automatically begins ignoring the white light events
and returns to normal motion detection. The Engine begins responding to white light
events after a period without white light events.
When White Light Detection Mode is enabled by programming the White Light Threshold
bits in PIR Status/Control Register 2 (ePIR_SC2), the application is not required to per-
form any other functions. The PIR Engine performs all required tasks related to White
Light immunity. The White Light Detected bit in PIR Status/Control Register 1 simply
provides the application with an indication that a white light event has occurred.
LED Requirements
The PIR Engine uses the voltage generated by the LED connected to ANA1 to determine
the level of white light to which the system is being subjected. While most high-efficiency
LEDs will perform correctly for this function, there are certain requirements placed on the
specifications of the LED that is used in the system.
These requirements are:
• Do not place the LED behind any white light filtering material. If it is behind a lens or
a light pipe, these materials should be transparent to white light.
• Ensure that the light source for the LED is originating from the same general direction
as the PIR sensor. It is important that the PIR sensor and the LED receive the light at
the same time.
• LEDs are available with a large range of electrical specifications. The White Light
Threshold Detection bits in the ePIR_SC02 Register allow the PIR Engine the flexibil-
ity to work with many LED types, but generally LEDs that are more efficient at gener-
ating a voltage from a light source perform better as white light detectors.
• Most high-efficiency LEDs in red, yellow or green with a forward voltage drop less
than 2V @2mA are well suited for white light detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com