Electronic Components Datasheet Search
  English  ▼

X  

TPS60200 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60200
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60200 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS60200 Datasheet HTML 12Page - Texas Instruments TPS60200 Datasheet HTML 13Page - Texas Instruments TPS60200 Datasheet HTML 14Page - Texas Instruments TPS60200 Datasheet HTML 15Page - Texas Instruments TPS60200 Datasheet HTML 16Page - Texas Instruments TPS60200 Datasheet HTML 17Page - Texas Instruments TPS60200 Datasheet HTML 18Page - Texas Instruments TPS60200 Datasheet HTML 19Page - Texas Instruments TPS60200 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
typical operating circuit TPS60210
OUTPUT
3.3 V, 100 mA
INPUT
1.8 V to 3.6 V
ON/OFF
C1
1
µF
C2
1
µF
Co
2.2
µF
Ci
2.2
µF
R1
R2
1
2
3
4
5
6
7
8
9
10
R3
Low Battery
Warning
IN
C1−
C1+
LBI
TPS60210
OUT
C2−
C2+
LBO
GND
SNOOZE
Figure 21. Typical Operating Circuit TPS60210 With Low-Battery Comparator
OUTPUT
3.3 V, 50 mA
INPUT
1.6 V to 3.6 V
ON/OFF
C1
0.47
µF
C2
0.47
µF
Co
2.2
µF
Ci
2.2
µF
R1
R2
1
2
3
4
5
6
7
8
9
10
R3
Low Battery
Warning
IN
C1−
C1+
LBI
TPS60212
OUT
C2−
C2+
LBO
GND
SNOOZE
Figure 22. Typical Operating Circuit TPS60212 With Low-Battery Comparator
The current losses through the resistive divider used to set the low-battery threshold can be avoided if an
additional MOSFET (like BSS138) is used in series to the resistors. This switch is controlled using the SNOOZE
signal. When the SNOOZE-signal is taken high, the device is programmed into normal operating mode, the
switch will turn on and the resistive divider draws current to set the LBI threshold voltage. When SNOOZE is
taken low, the device is programmed into snooze mode during which the low-battery comparator is disabled.
In addition, the resistive divider R1/R2 is disconnected from GND and therefore draws no current from the
battery. A typical schematic for this circuit is shown in Figure 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com