Electronic Components Datasheet Search
  English  ▼

X  

DEV-12935 Datasheet(PDF) 3 Page - SparkFun Electronics

Part # DEV-12935
Description  FTDI SmartBasic Hookup Guide
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-12935 Datasheet(HTML) 3 Page - SparkFun Electronics

  DEV-12935 Datasheet HTML 1Page - SparkFun Electronics DEV-12935 Datasheet HTML 2Page - SparkFun Electronics DEV-12935 Datasheet HTML 3Page - SparkFun Electronics DEV-12935 Datasheet HTML 4Page - SparkFun Electronics DEV-12935 Datasheet HTML 5Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
used for loading code unless the other device is removed. Here’s a diagram
showing how to connect the FTDI SmartBasic in a way that removes that
problem.
You can see that the connections from the Bluetooth Mate and the Arduino
Pro Mini are straight-through; no need to cross wires, so you can plug them
right in. Also note the connection of digital I/O pin 2 to the SEL line on the
FTDI basic. This is what allows the multiplexing of the serial data: when the
board is in bootloader mode, that pin will be a digital input and the SEL line
will be pulled low by a pull down resistor on the SmartBasic. That will route
the data to the FTDI chip to be sent to the PC, and data from the FTDI chip
will be routed to the Pro Mini board, and bootloading of a sketch can occur
normally.
Note, as well, that the CTS and DTR pins between the SmartBasic and the
Bluetooth Mate are not connected. Since the multiplexer on the SmartBasic
only has two channels, only the data channels can be swapped. That’s
important, though, because DTR is needed to reset the Arduino at bootload
time. If it were being re-routed, that would defeat the purpose of this board.
After the application sketch has loaded, the user can switch between the
two data endpoints (the PC and the Bluetooth Mate) by asserting pin 2 high
(for the Bluetooth Mate) or low (for the PC). Here’s a simple Arduino sketch
showing that in action.
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com