Electronic Components Datasheet Search
  English  ▼

X  

DEV-13040 Datasheet(PDF) 3 Page - SparkFun Electronics

Part # DEV-13040
Description  SparkFun Blocks for Intel짰 Edison - UART Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13040 Datasheet(HTML) 3 Page - SparkFun Electronics

  DEV-13040 Datasheet HTML 1Page - SparkFun Electronics DEV-13040 Datasheet HTML 2Page - SparkFun Electronics DEV-13040 Datasheet HTML 3Page - SparkFun Electronics DEV-13040 Datasheet HTML 4Page - SparkFun Electronics DEV-13040 Datasheet HTML 5Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Intel Edison Hardware Pack
Using the Block in the Middle of a Stack
If you need to use the UART block in the middle of a stack, it may be
necessary to file or sand the FTDI connector. The connector is slightly
larger than the 3mm clearance allowed by the expansion connectors. It is
preferred that the user place this Block a the bottom of a stack.
File or Sand the Connector Here
Using the Block with our FTDI Accessories.
The UART Block can be used with our 5V FTDI Basic.
FTDI 5V Basic Installed
Connecting to the Console
Once you have connected your hardware to your UART -> Serial device of
choice, plug the USB side of the device into the USB port on your
computer. If you do not have FTDI drivers currently installed, you’ll need to
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com