Electronic Components Datasheet Search
  English  ▼

X  

DEV-13158 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13158
Description  SparkFun LiPower Shield
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13158 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13158 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SparkFun LiPower Shield
DEV-13 158 RO HS
images are CC BY-NC-SA 3.0
Description: Is there anything an Arduino can’t do? Well, for one, most of them can’t
be powered directly from a 3.7V LiPo battery; much less charge and monitor that
battery. The SparkFun LiPower Shield takes care of this by combining the
functionality of two of our favorite battery power boards: the Power Cell and the Fuel
Gauge.
The LiPower Shield allows you to connect a 3.7V single cell Lithium polymer battery
which it will boost up to 5V and connect to the Arduino board’s 5V pin. The on-board
MAX17043G+U IC is connected to the I C lines (A4 and A5) so that your project can
monitor it’s own power supply. The configurable alert interrupt pin on the
MAX17043G+U IC is broken out to D2 which will activate when the LiPo gets to 32%
or lower.
The charging circuit is configured to charge the LiPo at 100mA but by adding a
resistor to the supplied through-holes you can boost this to 500mA. There is a mini-
USB port on the shield which allows you to charge the battery from a USB power
source or you can supply a separate regulated 5V source on the “charge” header.
2
10/22/2015
https://www.sparkfun.com/products/13158


Similar Part No. - DEV-13158

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13116 SPARKFUN-DEV-13116 Datasheet
115Kb / 1P
SparkFun Spectrum Shield
More results

Similar Description - DEV-13158

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-09815 SPARKFUN-DEV-09815 Datasheet
104Kb / 1P
SparkFun Ardumoto - Motor Driver Shield
DEV-10182 SPARKFUN-DEV-10182 Datasheet
112Kb / 1P
SparkFun Monster Moto Shield
DEV-13116 SPARKFUN-DEV-13116 Datasheet
115Kb / 1P
SparkFun Spectrum Shield
DEV-13629 SPARKFUN-DEV-13629 Datasheet
106Kb / 2P
SparkFun Photon IMU Shield
DEV-14129 SPARKFUN-DEV-14129 Datasheet
92Kb / 1P
SparkFun Ardumoto - Motor Driver Shield
WRL-12847 SPARKFUN-WRL-12847 Datasheet
94Kb / 1P
SparkFun XBee Shield
DEV-14285 SPARKFUN-DEV-14285 Datasheet
273Kb / 3P
SparkFun Wireless Motor Driver Shield
10??3??7
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-14430 SPARKFUN-DEV-14430 Datasheet
210Kb / 2P
SparkFun ESP32 Thing Motion Shield
11??0??7
WRL-14597 SPARKFUN-WRL-14597 Datasheet
748Kb / 3P
SparkFun AST-CAN485 WiFi Shield
3????9
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com