Electronic Components Datasheet Search
  English  ▼

X  

DEV-13262 Datasheet(PDF) 3 Page - SparkFun Electronics

Part # DEV-13262
Description  CAN-Bus Shield Hookup Guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13262 Datasheet(HTML) 3 Page - SparkFun Electronics

  DEV-13262 Datasheet HTML 1Page - SparkFun Electronics DEV-13262 Datasheet HTML 2Page - SparkFun Electronics DEV-13262 Datasheet HTML 3Page - SparkFun Electronics DEV-13262 Datasheet HTML 4Page - SparkFun Electronics DEV-13262 Datasheet HTML 5Page - SparkFun Electronics DEV-13262 Datasheet HTML 6Page - SparkFun Electronics DEV-13262 Datasheet HTML 7Page - SparkFun Electronics DEV-13262 Datasheet HTML 8Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2. GPS Connector
The GPS connector on-board is a 6-pin, JST SH compatible connector. The
board is designed to interface with either the EM-506 GPS Receiver, or the
GP-735 GPS Receiver. The GND jumper allows the user to modify the GPS
connector for units that do not have a GND connection on pin 5 of the
connector.
3. LCD Connector
The LCD footprint on the shield is compatible with a male 3-pin JST
connector and can interface with any of our serial LCD screens. The
connection is designed for 5V LCDs, so don’t accidentally plug in a 3.3V
option! The pin order is 5V, GND, and RX/D6 when looking at the shield
straight on.
4. JoyStick
The joystick included on the shield provides a basic user interface for
controlling screen displays or selecting CAN scan settings. The connector
gives 5 basic user options:
•Up
•Down
• Left
• Right
• Click selection
5. microSD Slot
This slot provides the user with the option of storing collected data onto a
microSD card. Data collected can include user input on the joystick, CAN-
Bus information collected, LCD outputs, or general I/O data.
6. Jumpers
There are six jumpers present on the CAN-Bus Shield.
• 6a. SJ1 and SJ2 - These two jumpers allow the user to select
between UART and Software Serial for the GPS unit to communicate
with the Arduino.
• 6b. SJ3 - This allows the user to separate pin 5 on the GPS
connector from the GND line. This jumper comes closed by default.
• 6c. SJ4, SJ5, and SJ6 - These three jumpers allow the user to select
the DB9 pin configuration between OBD-II and CAN. The jumpers
are defaulted to the OBD-II configuration that matches SparkFun’s
OBD-II to DB9 cable.
Note: Though the pin configuration is labeled as OBD-II, this is
still a CAN-specific device. The jumpers are simply for
configuring the shield to work with other OBD-II/CAN-Bus
cables if necessary.
For reference, here are the configuration options showing which pins are
selected on the DB9 connector for each setting.
Jumper Configurations for DB9 Pins
Bus Lines
CAN Pins
OBD-II Pins
Solder Jumper
CAN-H
Pin 7
Pin 3
SJ4
Page 3 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com