Electronic Components Datasheet Search
  English  ▼

X  

DEV-13327 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13327
Description  SparkFun Blocks for Intel짰 Edison - ADC V20
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13327 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13327 Datasheet HTML 1Page - SparkFun Electronics DEV-13327 Datasheet HTML 2Page - SparkFun Electronics DEV-13327 Datasheet HTML 3Page - SparkFun Electronics DEV-13327 Datasheet HTML 4Page - SparkFun Electronics DEV-13327 Datasheet HTML 5Page - SparkFun Electronics DEV-13327 Datasheet HTML 6Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SparkFun Blocks for Intel® Edison - ADC V20
Introduction
SparkFun’s ADC Block for the Intel Edison allows you to add four channels
of I2C controlled ADC input to your Edison stack. These four channels can
be used as single-ended inputs, or in pairs as differential inputs. A ground
reference is provided for each channel.
The maximum resolution of the converters is 12 bits, or 11 bits bipolar in
differential mode. Step sizes range from 125uV per count to 3mV per count.
ADC Block
Suggested Reading
If you are unfamiliar with Blocks, take a look at the General Guide to
Sparkfun Blocks for Intel Edison.
Other tutorials that may help you on your Edison adventure include:
• Programming the Edison - This tutorial assumes you are not using
the Arduino IDE, so you’ll want to familiarize yourself with C++
development on the Edison.
• Powering Your Project
• Connector Basics
• Analog-to-digital conversion
Board Overview
Page 1 of 6


Similar Part No. - DEV-13327

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13305 SPARKFUN-DEV-13305 Datasheet
110Kb / 2P
Teensy LC
10/22/2015
DEV-13310 SPARKFUN-DEV-13310 Datasheet
110Kb / 2P
Ludus Protoshield
DEV-13343 SPARKFUN-DEV-13343 Datasheet
175Kb / 1P
LilyPad Reed Switch
8/4/2016
More results

Similar Description - DEV-13327

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13033 SPARKFUN-DEV-13033 Datasheet
272Kb / 8P
SparkFun Blocks for Intel짰 Edison - 9 Degrees of Freedom Block
DEV-13036 SPARKFUN-DEV-13036 Datasheet
473Kb / 14P
SparkFun Blocks for Intel짰 Edison - Arduino Block
DEV-13039 SPARKFUN-DEV-13039 Datasheet
189Kb / 4P
Blocks for Intel짰 Edison - Console Block
DEV-13040 SPARKFUN-DEV-13040 Datasheet
219Kb / 5P
SparkFun Blocks for Intel짰 Edison - UART Block
DEV-13041 SPARKFUN-DEV-13041 Datasheet
139Kb / 3P
SparkFun Blocks for Intel짰 Edison - microSD Block
DEV-13042 SPARKFUN-DEV-13042 Datasheet
332Kb / 9P
SparkFun Blocks for Intel짰 Edison - PWM
DEV-13044 SPARKFUN-DEV-13044 Datasheet
519Kb / 11P
Blocks for Intel짰 Edison - Pi Block
DEV-13045 SPARKFUN-DEV-13045 Datasheet
216Kb / 5P
SparkFun Blocks for Intel짰 Edison - Base Block
DEV-13727 SPARKFUN-DEV-13727 Datasheet
220Kb / 5P
SparkFun Blocks for Intel짰 Edison - Battery Block
KIT-13094 SPARKFUN-KIT-13094 Datasheet
126Kb / 2P
SparkFun Sensor Pack for Intel짰 Edison
10/23/2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com