Electronic Components Datasheet Search
  English  ▼

X  

DEV-13626 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-13626
Description  Photon Battery Shield Hookup Guide
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13626 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-13626 Datasheet HTML 1Page - SparkFun Electronics DEV-13626 Datasheet HTML 2Page - SparkFun Electronics DEV-13626 Datasheet HTML 3Page - SparkFun Electronics DEV-13626 Datasheet HTML 4Page - SparkFun Electronics DEV-13626 Datasheet HTML 5Page - SparkFun Electronics DEV-13626 Datasheet HTML 6Page - SparkFun Electronics DEV-13626 Datasheet HTML 7Page - SparkFun Electronics DEV-13626 Datasheet HTML 8Page - SparkFun Electronics DEV-13626 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
The Photon Battery Shield equips your Photon with just about everything it
should need to use a LiPo battery – it even includes headers! Of course
you’ll need the Battery Shield and a Photon.
The one thing the Battery Shield doesn’t include is a battery. Our
compatible LiPo batteries come in a variety of shapes and capacities – the
larger the battery, the longer it will last. Any of the following will work:
Photon Kit
 KIT-13345
   9
SparkFun Photon Battery
Shield
 DEV-13626
  1
Polymer Lithium Ion Battery
- 2000mAh
 PRT-08483
   7
Polymer Lithium Ion Battery
- 400mAh
 PRT-10718
  10
Polymer Lithium Ion Battery
- 110mAh
 PRT-00731
   4
Polymer Lithium Ion Battery
- 1000mAh
 PRT-00339
  9
Polymer Lithium Ion Battery
- 850mAh
Polymer Lithium Ion Battery
- 6Ah
 PRT-08484
Page 2 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com