Electronic Components Datasheet Search
  English  ▼

X  

DEV-13628 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-13628
Description  Photon OLED Shield Hookup Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13628 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-13628 Datasheet HTML 1Page - SparkFun Electronics DEV-13628 Datasheet HTML 2Page - SparkFun Electronics DEV-13628 Datasheet HTML 3Page - SparkFun Electronics DEV-13628 Datasheet HTML 4Page - SparkFun Electronics DEV-13628 Datasheet HTML 5Page - SparkFun Electronics DEV-13628 Datasheet HTML 6Page - SparkFun Electronics DEV-13628 Datasheet HTML 7Page - SparkFun Electronics DEV-13628 Datasheet HTML 8Page - SparkFun Electronics DEV-13628 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
All you need to get started with the Photon OLED Shield is a Photon, a
micro-USB cable, and the OLED shield. You’ll also want to sign up for an
account on particle.io and register your photon. Instructions on how to do
this can be found at docs.particle.io.
Suggested Reading
• Serial Peripheral Interface (SPI) – SPI is the preferred method of
communication with the display.
• I C – Alternatively, I C can be used to control the display. It uses less
wires, but is quite a bit slower.
OLED Shield Overview
Pin Descriptions
Since the shield does all of the work for you, there’s no need to actually
wire these connections - but in case you’re looking at datasheets, or code
for the Microview or OLED breakout, this table will give you a clue as to
what the shield is doing. As always, you can check the schematic for more
info.
OLED
Shield Pin
Photon
Pin
SPI
Function
I C Function
Notes
GND
GND
Ground
Ground
0V
3V3 (VDD)
3V3
Power
Power
Should be a regulated
3.3V supply.
D1
(SDI/MOSI)
A5
MOSI
SDA
Serial data in
D0 (SCK)
A3
SCK
SCL
SPI and I C clock
D2 (SDO)
MISO
—
Can be unused in
SPI mode. No
function for I C.
—
D/C
D6
Data /
Command
I C address
selection
Digital pin to signal if
incoming byte is a
command or screen
data.
Photon Kit
 KIT-13345
   9
SparkFun Photon Micro
OLED Shield
 DEV-13628
  6
22
2
2
2
2
Page 2 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com