Electronic Components Datasheet Search
  English  ▼

X  

ASAK Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASAK
Description  Suitable for RoHS compliant reflow
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASAK Datasheet(HTML) 2 Page - Abracon Corporation

  ASAK Datasheet HTML 1Page - Abracon Corporation ASAK Datasheet HTML 2Page - Abracon Corporation ASAK Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASAK
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001: 2008
CERTIFIED
OUTLINE DIMENSIONS:
Pb RoHS/RoHS II Compliant
2.0 x 1.6 x 0.7mm
Dimensions: mm
Recommended Land Pattern
PIN #
Function
1
Enable/Disable
2
GND
3
Output
4
Vdd
Note: Recommend using an approximately 0.01uF
bypass capacitor between PIN 2 and 4.
REFLOW PROFILE:
(A) Preheating Area
180±10°C, 90±30 seconds
(B) Heating Area
220±10°C, 30 seconds max.
(C) Peak Temperature
260°C, 10 seconds max.
Ramp Rate
3°C/second max.
32.768kHz CERAMIC SMD LVCMOS CRYSTAL OSCILLATOR
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 11.09.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com