Electronic Components Datasheet Search
  English  ▼

X  

M3G7012S Datasheet(PDF) 2 Page - International Rectifier

Part # M3G7012S
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G7012S Datasheet(HTML) 2 Page - International Rectifier

  M3G7012S Datasheet HTML 1Page - International Rectifier M3G7012S Datasheet HTML 2Page - International Rectifier M3G7012S Datasheet HTML 3Page - International Rectifier M3G7012S Datasheet HTML 4Page - International Rectifier M3G7012S Datasheet HTML 5Page - International Rectifier M3G7012S Datasheet HTML 6Page - International Rectifier M3G7012S Datasheet HTML 7Page - International Rectifier M3G7012S Datasheet HTML 8Page - International Rectifier M3G7012S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
M3G-SERIES
(70V Input, Single/Dual Output)
2
2016-06-30
Circuit Description
The M3G-Series converters utilize a single-ended forward
topology with resonant reset. The nominal switching frequency
is 500 kHz. Electrical isolation and tight output regulation
are achieved through the use of a magnetically coupled
feedback. Voltage feed-forward with duty factor limiting
provides high line rejection.
An internal EMI filter reduces the conducted emissions to
less than 5mArms on the input power leads. A two-stage
output filter reduces the typical output ripple to less than
20mV peak-to-peak.
Output current is limited under any load fault condition to
approximately 125% of rated. An overload condition causes the
converter output to behave like a constant current source
with the output voltage dropping below nominal. The converter
will resume normal operation when the load current is reduced
below the current limit point. This protects the converter
from both overload and short circuit conditions. The current
limit point exhibits a slightly negative temperature coefficient to
reduce the possibility of thermal runaway.
An under-voltage lockout circuit prohibits the converter
from operating when the line voltage is too low to maintain
the output voltage. The converter will not start until the line
voltage rises to approximately 58 volts and will shut down
when the input voltage drops below 54 volts. The four
volts of hysteresis reduces the possibility of line noise interfering
with the converter’s start-up and shut down.
An external inhibit port is provided to control converter
operation. The nominal threshold relative to the input
return (pin 2) is 1.4V. If 2.0 volts or greater are applied to
the Inhibit pin (pin 3) then the converter will operate
normally. A voltage of 0.8V or less will cause the converter to
shut-down. The pin may be left open for normal operation and
has a nominal open circuit voltage of 4.0V
Synchronization input and output allow multiple converters to
operate at a common switching frequency. Converters
can be synchronized to one another or to an externally
provided clock. This can be used to eliminate beat frequency
noise or to avoid creating noise at certain frequencies for
sensitive systems.
Remote sense is provided on the single output models to
compensate for voltage drops in the interconnects between the
converter and the load. The output voltage of dual output
models can be adjusted by a single external resistor.
Design Methodology
The M3G-Series was developed using a proven conserva-
tive design methodology which includes selecting radia-
tion tolerant and established reliability components and
fully de-rating to the requirements of MIL-STD-975 and
MIL-STD-1547 except for the CDR type ceramic capaci-
tors, a capacitor with 50V rating is used for in-circuit volt-
age stress of less than 10V. Careful sizing of decoupling
capacitors and current limiting resistors minimizes the
possibility of photo-current burn-out. Heavy d-erating of
the radiation hardened power MOSFET virtually eliminates the
possibility of SEGR and SEB. A magnetic feedback circuit is
utilized instead of opto-couplers to minimize temperature,
radiation and aging sensitivity. PSPICE and Rad SPICE
were used extensively to predict and optimize circuit performance
for both beginning and end-of-life. Thorough design analyses
include Radiation Susceptibility (TREE), Worst Case, Stress,
Thermal, Failure Modes and Effects (FMEA) and Reliability
(MTBF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com