Electronic Components Datasheet Search
  English  ▼

X  

TP3410J Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410J
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410J Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button TP3410J Datasheet HTML 24Page - National Semiconductor (TI) TP3410J Datasheet HTML 25Page - National Semiconductor (TI) TP3410J Datasheet HTML 26Page - National Semiconductor (TI) TP3410J Datasheet HTML 27Page - National Semiconductor (TI) TP3410J Datasheet HTML 28Page - National Semiconductor (TI) TP3410J Datasheet HTML 29Page - National Semiconductor (TI) TP3410J Datasheet HTML 30Page - National Semiconductor (TI) TP3410J Datasheet HTML 31Page - National Semiconductor (TI) TP3410J Datasheet HTML 32Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Timing Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MICROWIRE CONTROL INTERFACE
(see
Figure 14 )
tCH
CCLK High Duration
50
ns
tCL
CCLK Low Duration
50
ns
tSIC
Setup Time CI
25
ns
Valid to CCLK High
tHCI
Hold Time CCLK
25
ns
High to CI Invalid
tSSC
Setup Time from CS
50
ns
Low to CCLK High
tDCSO
Delay Time from CS
Byte 1 Bit C7 Only
50
ns
Low to CO Valid
tDCO
Delay Time from CCLK
Load e 50 pF Plus 2 LSTTL Inputs
50
ns
Low to CO Data Valid
tDCZ
Delay Time from CS High
50
ns
to CO TRI-STATE
tSCSC1
Setup Time CS Low to
50
ns
CCLK Edge High
tHCSC1
Hold Time CS High to
50
ns
CCLK Edge Low
tHCSC2
Hold Time CS High to
12
ns
CCLK Edge High
tHCSC3
Hold Time CCLK Low to
12
ns
CS Transition
tCSH
Duration of CS High
200
ns
tDCI
Delay Time CCLK High to
50
ns
INT High-Impedance
D PORT IN 16 kHz MODE
(Figure 4)
tSDXC
Setup Time Dx to DCLK
65
ns
tHCDX
Hold Time DCLK to Dx
0
ns
tDCDR
Delay Time DCLK to Dr
Load e 50 pF Plus 2 LSTTL Inputs
80
ns
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com