Electronic Components Datasheet Search
  English  ▼

X  

BQ24702 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24702
Description  MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24702 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ24702 Datasheet HTML 17Page - Texas Instruments BQ24702 Datasheet HTML 18Page - Texas Instruments BQ24702 Datasheet HTML 19Page - Texas Instruments BQ24702 Datasheet HTML 20Page - Texas Instruments BQ24702 Datasheet HTML 21Page - Texas Instruments BQ24702 Datasheet HTML 22Page - Texas Instruments BQ24702 Datasheet HTML 23Page - Texas Instruments BQ24702 Datasheet HTML 24Page - Texas Instruments BQ24702 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
bq24702, bq24703
SLUS553D − MAY 2003 − REVISED JULY 2005
21
www.ti.com
COMPONENT SELECTION
MOSFET Selection
MOSFET selection depends on several factors, namely, gate-source voltage, input voltage, and input current.
The MOSFET must be a P-channel device capable of handling at least 15-V gate-to-source with a drain-source
breakdown of VBV~ VIN+1 V. The average input current can be approximated by:
I
IN
(avg)
+ D
Ichg
A
D = Duty cycle
Ichg = Charge current
The RMS current through the MOSFET is defined as:
I
IN
(RMS)
+ Ichg
D
A
RMS
The rise/fall times for pin PWM for the selected MOSFET should be greater than 40 nsec.
Schottky Rectifier (Freewheeling)
The freewheeling Schottky rectifier must also be selected to withstand the input voltage, VIN. The average
current can be approximated from:
I
D1
(avg)
+ Ichg
(1
* D) A
Choosing an Inductance
Low inductance values result in a steep current ramp or slope. Steeper current slopes result in the converter
operating in the discontinuous mode at a higher power level. Steeper current slopes also result in higher output
ripple current, which may require a higher number or more expensive capacitors to filter the higher ripple current.
In addition, the higher ripple current results in an error in the sensed battery current particularly at lower charging
currents. It is recommended that the ripple current not exceed 20% to 30% of full scale dc current.
L
+
D
V
IN *
V
BAT
F
S
Ichg
Ripple
Ripple = % Ripple allowed (Ex.: 0,2 for 20% ripple)
Too large an inductor value results in the current waveform of Q1 and D1 in Figure 2 approximating a
squarewave with an almost flat current slope on the step. In this case, the inductor is usually much larger than
necessary, which may result in an efficiency loss (higher DCR) and an area penalty.
Selecting an Output Capacitor
For this application the output capacitor is used primarily to shunt the output ripple current away from the battery.
The output capacitor should be sized to handle the full output ripple current as defined as:
Ic (RMS) +
V
IN *
V
BAT
D
F
S
L
A
RMS
(4)
(5)
(6)
(7)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com