Electronic Components Datasheet Search
  English  ▼

X  

BQ26220 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26220
Description  HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26220 Datasheet(HTML) 1 Page - Texas Instruments

  BQ26220 Datasheet HTML 1Page - Texas Instruments BQ26220 Datasheet HTML 2Page - Texas Instruments BQ26220 Datasheet HTML 3Page - Texas Instruments BQ26220 Datasheet HTML 4Page - Texas Instruments BQ26220 Datasheet HTML 5Page - Texas Instruments BQ26220 Datasheet HTML 6Page - Texas Instruments BQ26220 Datasheet HTML 7Page - Texas Instruments BQ26220 Datasheet HTML 8Page - Texas Instruments BQ26220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
bq26220
SLUS521B − AUGUST 2002 − REVISED FEBRUARY 2004
HIGHPERFORMANCE BATTERY MONITOR IC
WITH COULOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
1
www.ti.com
FEATURES
D Multifunction Monitoring Integrated Circuit
Designed to Work With an Intelligent Host
Controller :
− Provides State of Charge Information for
Rechargeable Batteries
− Provides Accurate Battery Voltage and
Temperature Measurement
D High Accuracy Coulometric Charge and
Discharge Current Integration With
Automatic Offset Compensation
D 11-Bit Analog-to-Digital Converter Reports
Battery Voltage With Gain and Offset
Correction
D Differential Current Sense
D 32 Bytes of General Purpose RAM
D 96 Bytes of Flash (Including 32 Bytes of
Shadow Flash)
D 8 Bytes of ID ROM
D Internal Temperature Sensor Eliminates the
Need for an External Thermistor
D Programmable Digital Input/Output Port
D High-Accuracy Internal Timebase Eliminates
External Crystal Oscillator
D Low Power Consumption:
− Operating : 30
µA
− Sleep: 1
µA
− Hibernate: 600 nA
D Single-Wire HDQ Serial Interface
D Packaging: 8-LEAD TSSOP
DESCRIPTION
The bq26220 is an advanced battery monitoring
device designed to accurately measure the
charge and discharge currents in rechargeable
battery packs. Intended for pack integration, the
bq26220 contains all the necessary functions to
form the basis of a comprehensive battery
capacity
management
system
in
portable
applications such as cellular phones, PDA’s, or
other portable products.
The bq26220 works with the host controller in the
portable
system
to
implement
the
battery
management system. The host controller is
responsible for interpreting the bq26220 data and
communicating meaningful battery data to the
end-user or power management system.
This device provides 64 bytes of general-purpose
flash memory, 8 bytes of ID ROM and 32 bytes of
flash-backed
RAM
for
data
storage.
The
nonvolatile memory can maintain formatted
battery monitor information, identification codes,
warranty information, or other critical battery
parameters during periods when the battery is
temporarily shorted or deeply discharged.
1
2
3
4
8
7
6
5
RBI
VCC
VSS
HDQ
GPIO
SRP
SRN
BAT
PW PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - BQ26220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26220 TI1-BQ26220 Datasheet
1Mb / 26P
TEMPERATURE MEASUREMENT
BQ26220 TI2-BQ26220 Datasheet
674Kb / 26P
HIGH-PERFORMANCE BATTERY MONITOR IC ‘WITH COULOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
REVISED FEBRUARY 2004
BQ26220 TI2-BQ26220 Datasheet
677Kb / 27P
HIGH-PERFORMANCE BATTERY MONITOR IC ‘WITH COULOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
REVISED FEBRUARY 2004
BQ26220PW TI1-BQ26220PW Datasheet
1Mb / 26P
TEMPERATURE MEASUREMENT
BQ26220PW TI2-BQ26220PW Datasheet
674Kb / 26P
HIGH-PERFORMANCE BATTERY MONITOR IC ‘WITH COULOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
REVISED FEBRUARY 2004
More results

Similar Description - BQ26220

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2740 DALLAS-DS2740 Datasheet
248Kb / 15P
High-Precision Coulomb Counter
logo
Texas Instruments
BQ26221 TI-BQ26221 Datasheet
284Kb / 20P
HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
BQ26200 TI-BQ26200 Datasheet
253Kb / 18P
HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
Coulomb Counter/ Battery Gas Gauge
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
logo
Linear Technology
LTC2942 LINER-LTC2942 Datasheet
180Kb / 16P
Battery Gas Gauge with Temperature, Voltage Measurement
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC2942 LINER-LTC2942_15 Datasheet
237Kb / 18P
Battery Gas Gauge with Temperature, Voltage Measurement
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com