Electronic Components Datasheet Search
  English  ▼

X  

AST3TQ Datasheet(PDF) 1 Page - Abracon Corporation

Part # AST3TQ
Description  Standard LVCMOS Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AST3TQ Datasheet(HTML) 1 Page - Abracon Corporation

  AST3TQ Datasheet HTML 1Page - Abracon Corporation AST3TQ Datasheet HTML 2Page - Abracon Corporation AST3TQ Datasheet HTML 3Page - Abracon Corporation AST3TQ Datasheet HTML 4Page - Abracon Corporation AST3TQ Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AST3TQ
Precision SMD TCXO
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
• Standard available frequencies: 10.00, 12.80, 19.20, 20.00,
25.00, 26.00, 30.72, 38.40 & 40.00MHz
• Standard LVCMOS Output
• Frequency stabilities to include ±100ppb over -40ºC to +85ºC, ±280ppb
over –50ºC to +90ºC and ±500ppb over -55ºC to +95ºC operating temperature range
• Excellent Phase Noise, Harmonics and Spurious content
• Typical rms jitter of 400fs @ 40MHz carrier & 1.0ps @ 10MHz
carrier over 12kHz to 20MHz BW
7.0 x 5.0 x 1.9mm
• COTS Military Radios & other Communication Hardware
• WiMax,
• LTE, BTS
• CATV, LAN, LMDS
• GPS Tracking with Hold-Over accuracy
• Test & Measurement Equipment
• Point-to-Point communication networks
Moisture Sensitivity Level (MSL) – 3
Maximum Rating
Parameters
Rating
Storage Temperature Range
-55 to +125 °C
Supply Voltage
-0.5 to 6V
ESD, HBM/CDM/MM
4kV/2kV/200V
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency R ange
10
40
MHz
Standard Frequencies:
10 .00 , 12.8 0, 19.2 0, 20 .00 , 25 .00 , 26 .00 , 30.72,
38.4 0, 40 .00
MHz
Initial Frequency Tolerance
(@+25°C) at shipping
± 0.3
ppm
Relative to carrier
Frequency Stability Options
-40 °C to +85 °C
± 100
ppb
Option “1”
-50 °C to +90 °C
± 280
ppb
Option “2”
see note 1
-55 °C to +95 °C
± 500
ppb
Option “5” see note 2
Frequency Stability vs. Supply Voltage
Change (Vdd±5%):
±100
ppb
Frequency Stability vs. Load Change
(Load±5%):
±200
ppb
Supply V oltage (Vdd):
+3.135
+3.3
+3.465
V
Aging (first year @+25 °C):
±1.0
ppm
Aging (20 years @+25 °C):
± 3.0
±4.6
ppm
Supply Current (Icc)(into 15pF load) :
3.0
4.0
mA
@10MHz carrier
5.5
7.0
@4 0MHz carrier
CMOS Output
V OH:
2.4
V
Load=15pF
V OL:
0.4
V
Load=15pF
Load:
15
pF
Duty Cycle:
45
55
%
@( V OH- V OL)/2
Rise/Fall Time:
4
ns
Load=15pF
Waveform:
S quare Wave
RMS Jitter (12kHz to 20MHz BW)
0.4
1.3
ps
Carrier dependent
Phase Noise
(10MHz carrier frequency @25 °C):
-95
dBc/Hz
Offset @10Hz
-120
Offset @100Hz
-140
Offset @ 1k Hz
-145
Offset @10 kHz
-150
Offset @100kHz
Pb RoHS/RoHS II Compliant
ESD Sensitive
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
REVISED: 01.05.2017
LLC
*Note 1: For 10.000MHz carrier, frequency stability of ±280ppb is only guaranteed over -45°C to +90°C operating temperature range.
*Note 2: For 10.000MHz carrier, option “5” is not available.


Similar Part No. - AST3TQ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AST3TQ-28 ABRACON-AST3TQ-28 Datasheet
2Mb / 5P
GPS Tracking with Hold-Over accuracy
09.18.14
AST3TQ-50 ABRACON-AST3TQ-50 Datasheet
3Mb / 6P
Point-to-Point communication networks
04.02.15
AST3TQ-EVAL ABRACON-AST3TQ-EVAL Datasheet
14Mb / 2P
AST3TQ Evaluation Board
01.23.15
AST3TQ53 ABRACON-AST3TQ53 Datasheet
4Mb / 6P
GPS Tracking with Hold-Over accuracy
04.02.15
More results

Similar Description - AST3TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843-106 ICST-ICS843-106 Datasheet
192Kb / 12P
106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
REV. A JANUARY 10, 2006
logo
Integrated Device Techn...
ICS810525I IDT-ICS810525I Datasheet
251Kb / 12P
VCXO-TO-LVCMOS/LVTTL OUTPUT
5P49V5908 IDT-5P49V5908 Datasheet
516Kb / 30P
One reference LVCMOS output clock
logo
Pericom Semiconductor C...
PI6LC48C21 PERICOM-PI6LC48C21 Datasheet
792Kb / 6P
Single Output LVCMOS Clock Generator
logo
Connor-Winfield Corpora...
CSBXX CONNOR-WINFIELD-CSBXX Datasheet
696Kb / 4P
LVCMOS or Clipped Sinewave Output
DOT050F-DOT050V CONNOR-WINFIELD-DOT050F-DOT050V Datasheet
464Kb / 4P
LVCMOS Output Logic
TL602-TVL602 CONNOR-WINFIELD-TL602-TVL602 Datasheet
392Kb / 3P
LVCMOS Output
logo
Integrated Device Techn...
8101925 IDT-8101925 Datasheet
196Kb / 11P
VCXO-to-LVCMOS/ LVTTL Output
logo
Advanced Crystal Techno...
SCT101 ACT-SCT101 Datasheet
764Kb / 3P
Software-Compensated LVCMOS-Output TCXO
logo
Renesas Technology Corp
8101925 RENESAS-8101925 Datasheet
196Kb / 11P
VCXO-to-LVCMOS/ LVTTL Output
November 7, 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com