Electronic Components Datasheet Search
  English  ▼

X  

BYV42E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV42E
Description  Rectifier diodes ultrafast, rugged
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV42E Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV42E Datasheet HTML 1Page - NXP Semiconductors BYV42E Datasheet HTML 2Page - NXP Semiconductors BYV42E Datasheet HTML 3Page - NXP Semiconductors BYV42E Datasheet HTML 4Page - NXP Semiconductors BYV42E Datasheet HTML 5Page - NXP Semiconductors BYV42E Datasheet HTML 6Page - NXP Semiconductors BYV42E Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV42E, BYV42EB series
ultrafast, rugged
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 150 V/ 200 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 0.85 V
• Reverse surge capability
• High thermal cycling performance
I
O(AV) = 30 A
• Low thermal resistance
I
RRM = 0.2 A
t
rr ≤ 28 ns
GENERAL DESCRIPTION
Dual, ultra-fast, epitaxial rectifier diodes intended for use as output rectifiers in high frequency switched mode power
supplies.
The BYV42E series is supplied in the SOT78 conventional leaded package.
The BYV42EB series is supplied in the SOT404 surface mounting package.
PINNING
SOT78 (TO220AB)
SOT404
PIN
DESCRIPTION
1
anode 1 (a)
2
cathode (k)
1
3
anode 2 (a)
tab
cathode (k)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYV42E / BYV42EB
-150
-200
V
RRM
Peak repetitive reverse voltage
-
150
200
V
V
RWM
Crest working reverse voltage
-
150
200
V
V
R
Continuous reverse voltage
T
mb ≤ 144˚C
-
150
200
V
I
O(AV)
Average rectified output current square wave
-
30
A
(both diodes conducting)
δ = 0.5; T
mb ≤ 108 ˚C
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
30
A
per diode
T
mb ≤ 108 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
150
A
current per diode
t = 8.3 ms
-
160
A
sinusoidal; with reapplied
V
RWM(max)
I
RRM
Repetitive peak reverse current t
p = 2 µs; δ = 0.001
-
0.2
A
per diode
I
RSM
Non-repetitive peak reverse
t
p = 100 µs
-
0.2
A
current per diode
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
1. It is not possible to make connection to pin 2 of the SOT404 package
2. SOT78 package, For output currents in excess of 20 A, the cathode connection should be made to the mounting
tab.
k
a1
a2
13
2
13
tab
2
12 3
tab
July 1998
1
Rev 1.200


Similar Part No. - BYV42E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
logo
WeEn Semiconductors
BYV42E WEEN-BYV42E Datasheet
1,007Kb / 9P
Rectifier diodes ultrafast, rugged
logo
NXP Semiconductors
BYV42E-100 PHILIPS-BYV42E-100 Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYV42E-150 PHILIPS-BYV42E-150 Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
logo
Inchange Semiconductor ...
BYV42E-150 ISC-BYV42E-150 Datasheet
349Kb / 2P
Ultrafast Rectifier Diode
More results

Similar Description - BYV42E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYV79E NXP-BYV79E Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
Rectifier diodes ultrafast, rugged
October 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com