Electronic Components Datasheet Search
  English  ▼

X  

1050740 Datasheet(PDF) 4 Page - SICK AG

Part # 1050740
Description  POSITION SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1050740 Datasheet(HTML) 4 Page - SICK AG

  1050740 Datasheet HTML 1Page - SICK AG 1050740 Datasheet HTML 2Page - SICK AG 1050740 Datasheet HTML 3Page - SICK AG 1050740 Datasheet HTML 4Page - SICK AG 1050740 Datasheet HTML 5Page - SICK AG 1050740 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MPS-160TSTU0 | MPS-T
POSITION SENSORS
Connection diagram
Cd-359
brn
blk
wht
+ (L+)
Uout
Iout
blu
- (M)
Dimensional drawing (Dimensions in mm (inch))
Teach-in
L1
6.5
(0.26)
L2
Ø 8.1
(0.32)
13.6
(0.54)
5.8
(0.23)
24.2 (0.95)
37.1 (1.46)
L3
1
3
Distance
Total length
Measuring range
mounting screws
(L1) mm
(L2) mm
(L3) mm
MPS-32
45
32
40
MPS-64
77
64
72
MPS-96
109
96
104
MPS-128
141
128
136
MPS-160
173
160
168
MPS-192
205
192
200
MPS-224
237
224
232
MPS-256
269
256
264
2
2
①  Function indicator
②  Fixing screw
③  Teach-in button
Recommended accessories
Other models and accessories
www.sick.com/MPS-T
Brief description
Type
Part no.
Brackets for cylinder sensors
Mounting bracket for cylinder with dovetail slot, Aluminum, without mounting hardware
BEF-KHZ-ST1
2022703
Mounting bracket for integrated profile cylinder/tie-rod cylinder, Zinc diecast, mounting
hardware included
BEF-KHZ-PT1
2022702
1 piece, Mounting bracket on round body cylinder with piston diameter of 12 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RT-12
2077681
1 piece, Mounting bracket on round body cylinder with piston diameter of 16 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RT-16
2077680
1 piece, Mounting bracket on round body cylinder with piston diameter of 20 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RT-20
2077679
1 piece, Mounting bracket on round body cylinder with piston diameter of 25 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RT-25
2077678
4
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com