Electronic Components Datasheet Search
  English  ▼

X  

FX026 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # FX026
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX026 Datasheet(HTML) 1 Page - Texas Instruments

  FX026 Datasheet HTML 1Page - Texas Instruments FX026 Datasheet HTML 2Page - Texas Instruments FX026 Datasheet HTML 3Page - Texas Instruments FX026 Datasheet HTML 4Page - Texas Instruments FX026 Datasheet HTML 5Page - Texas Instruments FX026 Datasheet HTML 6Page - Texas Instruments FX026 Datasheet HTML 7Page - Texas Instruments FX026 Datasheet HTML 8Page - Texas Instruments FX026 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS51362
UDG-13052
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PGND
PGND
PGND
PGND
PGND
SW
SW
SW
SW
NC
MODE
LP#
LP#
PGOOD
BST
REFIN 2
REFIN
VREF
NU
EN
VIN
VIN
VIN
V5
TRIP
SLEW
VSNS
GSNS
GND
EN
PGOOD
GSNS
VSNS
VIN
VOUT
1.05 V
7.4 V
to
20 V
TPS51362
www.ti.com
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
22-V Input, 10-A Integrated FET Converter
With Ultra-Low Quiescent ( ULQ™)
Check for Samples: TPS51362
1
FEATURES
APPLICATIONS
2
•
Input Voltage Range: 3 V to 22 V
•
Notebook Computers (VCCIO)
•
Output Voltage Range: 0.6 V to 2 V
•
Memory Rails (DDR VDDQ)
•
10-A Integrated FET Converter
DESCRIPTION
•
Fewest External Components
The TPS51362 is a high-voltage input, synchronous
•
ULQ™-100 Mode of Operation to Enable Long
converter with integrated FET, based on DCAP-2™
Battery Life During System Standby
control
topology,
which
enables
fast
transient
•
Soft-Start Time Programmable by External
response and supports both POSCAP and all MLCC
output capacitors. TI proprietary FET technology
Capacitor
combined with TI leading-edge package technology
•
Switching Frequency: 800 kHz
provides the highest density solution for single-output
•
D-CAP2™ Architecture to Enable POSCAP and
power rail such as VCCIO and VDDQ for DDR
All MLCC Output Capacitor Usage
notebook memory, or any point-of-load (POL) in wide
application.
•
Integrated and Temperature Compensated
Low-Side On-Resistance Sensing for Accurate
The key feature of the TPS51362 is its ULQ™ Mode
OCL Protection
to enable low-bias current (100 µA in low power
•
Powergood Output
mode, enabled by LP#). This feature is extremely
beneficial for long battery life in system standby
OCL, OVP, UVP and UVLO Protections
mode.
•
Thermal Shutdown (non-latch)
The feature set includes switching frequency of 800
•
Output Discharge Function
kHz. Programmable soft-start time with an external
•
Integrated Boost MOSFET Switch
capacitor. auto skip, pre-bias startup, integrated
•
28-Pin, 3.5-mm × 4.5-mm, RVE, QFN Package
bootstrap switch, power good, enable and a full suite
with 0.4-mm Pitch and 1-mm Height
of fault protection schemes, including OCL, UVP,
OVP, 5-V UVLO and thermal shutdown.
It is packaged in 3.5 mm × 4.5 mm, 0.4-mm pitch, 28-
pin QFN (RVE), and specified from -10°C to 85°C.
SIMPLIFIED APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
ULQ, DCAP-2 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - FX026

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FX026 TI-FX026 Datasheet
2Mb / 29P
22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
logo
Elektron Components Ltd...
FX0267 BULGIN-FX0267 Datasheet
86Kb / 1P
PC and Base Mounting, PC1
FX0267 BULGIN-FX0267 Datasheet
1Mb / 18P
FUSEHOLDERS
More results

Similar Description - FX026

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51362 TI-TPS51362 Datasheet
2Mb / 29P
22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51363 TI-TPS51363 Datasheet
1Mb / 32P
22-V Input, 8-A or 10-A Converter With Integrated FET
TPS51367 TI-TPS51367 Datasheet
10Mb / 32P
22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61022 TI1-TPS61022_19 Datasheet
2Mb / 30P
8-A Boost converter with 0.5-V ultra-low input voltage
TPS51397A TI-TPS51397A Datasheet
2Mb / 36P
TPS51397A 4.5-V to 24-V, 10-A Synchronous Buck Converter with ULQ??Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com