Electronic Components Datasheet Search
  English  ▼

X  

TPS62360 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62360
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62360 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62360 Datasheet HTML 17Page - Texas Instruments TPS62360 Datasheet HTML 18Page - Texas Instruments TPS62360 Datasheet HTML 19Page - Texas Instruments TPS62360 Datasheet HTML 20Page - Texas Instruments TPS62360 Datasheet HTML 21Page - Texas Instruments TPS62360 Datasheet HTML 22Page - Texas Instruments TPS62360 Datasheet HTML 23Page - Texas Instruments TPS62360 Datasheet HTML 24Page - Texas Instruments TPS62360 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
TPS62360, TPS62361B
TPS62362, TPS62363
www.ti.com
SLVSAU9C – MAY 2011 – REVISED NOVEMBER 2012
DETAILED DESCRIPTION
The TPS6236x are a family of high-frequency synchronous step down dc-dc converter optimized for battery-
powered portable applications. With an input voltage range of 2.5V to 5.5V, common battery technologies are
supported.
The device provides up to 3A peak load current, operating at 2.5MHz typical switching frequency.
The devices convert to an output voltage range of 0.77V to 1.4V (TPS62360 / TPS62362) and 0.5V to 1.77V
(TPS62361B / TPS62363), programmable via I2C interface in 10mV steps.
The TPS6236x supports low-voltage DSPs and processor cores in smart-phones and handheld computers,
including latest submicron processes and their retention modes and addresses digital voltage scaling
technologies such as SmartReflex™.
Output Voltages and Modes can be fully programmed via I2C. To address different performance operating points
and/or startup conditions, the device offers four output voltage / mode presets which can be chosen via
dedicated hardware input pins allowing simple and zero latency output voltage transition.
The devices focus on a high output voltage accuracy. The fully differential sensing and the DCS-Control™
architecture achieve precise static and dynamic, transient output voltage regulation. This accounts for stable
processor operation. Output voltage security margins can be kept small, resulting in an increased overall system
efficiency.
The TPS6236x devices offer high efficiency step down conversion. The area of highest efficiency is extended
towards low output currents to increase the efficiency while the processor is operating in retention mode, as well
as towards highest output currents reducing the power loss. This addresses the power profile of processors. High
efficiency conversion is required for low output currents to support the retention modes of processors, resulting in
an increased battery on-time. To address the processor maximum performance operating points with highest
output currents, high efficiency conversion is enabled as well to save the battery on-time and reduce input power.
The robust architecture and multiple safety features allow perfect system integration.
The 2mm x 2mm package and the low number of required external components lead to a tiny solution size of
approximately less than 25 mm2.
OPERATION
The TPS6236x synchronous switched mode power converters are based on DCS-Control™, an advanced
regulation topology, that combines the advantages of hysteretic, voltage mode and current mode control
architectures.
While a comparator stage provides excellent load transient response, an additional voltage loop ensures high DC
accuracy as well. The TPS6236x compensates ground shifts at the load by the differentially sensing the output
voltage at the point of load.
The internal ramp generator adds information about the load current and fast output voltage changes. The
internally compensated regulation network achieves fast and stable operation with low ESR capacitors.
The DCS-Control™ topology supports PWM (Pulse Width Modulation) mode for medium and heavy load
conditions and a Power Save Mode at light loads. During PWM it operates at its nominal switching frequency in
continuous conduction mode. This frequency is typically about 2.5MHz with a controlled frequency variation
depending on the input voltage. As the load current decreases, the converter enters Power Save Mode to sustain
high efficiency down to light loads. The transition from PWM to Power Save Mode is seamless and avoids output
voltage transients.
An internal current limit supports nominal output currents of up to 3A. The TPS6236x family offers both excellent
DC voltage and superior load transient regulation, combined with very low output voltage ripple, minimizing
interference with RF circuits.
ENABLING AND DISABLING THE DEVICE
The device is enabled by setting the EN input to a logic high. Accordingly, a logic low disables the device. If the
device is enabled, the internal power stage will start switching and regulate the output voltage to the programmed
threshold. The EN input must be terminated unless the internal pull down resistor is activated.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS62360 TPS62361B TPS62362 TPS62363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com