Electronic Components Datasheet Search
  English  ▼

X  

CLT3-4BT6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # CLT3-4BT6
Description  CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4BT6 Datasheet(HTML) 4 Page - STMicroelectronics

  CLT3-4BT6 Datasheet HTML 1Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 2Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 3Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 4Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 5Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 6Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 7Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 8Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CLT3-4BT6
4/10
Symbol
Pin
Name
Conditions
Min.
Typ.
Max.
Unit
Current limitation
ILIM
IN
Input limiting current
VOUT = 0.9 to 2.0V
VIN =5to27V
TAMB = - 25 to 85°C
2.1
3
3.7
mA
VLOW
IN
Maximum off state volt-
age
IIN = 100µA
1.5
V
VTH
IN
Activation threshold
IIN = 2.1 mA
3.4
5
V
Input & Supply Protection
VCL
IN
Clamping voltage
IIN = 7mA; tP =1ms
31
38
-
V
Opto-coupler driver operation
IOFF
OUT
Off state output current
VI = 5V, (5)
-
10
40
µA
IIN = 1.5mA, (6)
-
10
40
µA
VOFF
OUT
Off state output voltage
IIN = 1.5 mA
0.15
0.5
V
ION
OUT
On state output current
VIN = 5V
1.5
2
-
mA
Supply & biasing circuit
VC
VC
Supply voltage
TAMB = - 25 to 85°C
10
V
IC
VC
Supply current
VIN =VC = 30V
550
800
µA
Note 5: According to application diagram on page 2 with use of a RI = 1.2kΩ resistor, an opto-coupler (RLED (0V) = 15kΩ,VF = 1.2V) and a re-
verse diode from COM to GND (VF = 0.7V)
Note 6: same as note 5 but RI =0Ω.
ELECTRICAL CHARACTERISTICS
(TJ = 25°C, VCC = 24V and COM pin voltage referred unless otherwise specified)
Symbol
Parameter
Value
Unit
Rth (j-a)
TSSOP20 thermal resistance junction to ambient
Board copper surface = 2cm², copper thickness = 35µm
90
°C/W
THERMAL RESISTANCE
Symbol
Node
Parameter name & conditions
Value
Unit
VPP
IN
ESD protection, IEC61000-4-2, per input, in air
± 8
kV
ESD protection, IEC61000-4-2, per input, in contact
± 6
kV
ESD protection, IEC61000-4-2, per input, in air, RI =0
Ω
±3
kV
ESD protection, IEC61000-4-2, per input, in contact, RI =0
Ω
±3
kV
VPPB
VI
Total Peak Pulse Voltage Burst, IEC61000-4-4
CIN = 100pF, COUT = 22nF, F = 5kHz (3)
±4
kV
VPP
VI
Peak Pulse Voltage Surge, IEC61000-4-5, R = 42
Ω, (4)
± 1
kV
VPP
VCC
Peak Pulse Voltage Surge, IEC61000-4-5, R = 2
Ω (4)
± 1
kV
Note 3: test conditions of IEC standard applied to the application diagram page 2.
Note 4: see test circuit figure 6 or 7.
ELECTROMAGNETIC COMPATIBILITY RATINGS
RI = 1.2k
Ω,RC = 4.7kΩ, reverse diode connected as shown on figure 6 (unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com