Electronic Components Datasheet Search
  English  ▼

X  

D24K Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # D24K
Description  24 Lead (0.400횞 Wide) Ceramic Sidebrazed Dual-in-Line Package NS Package Number D24K
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

D24K Datasheet(HTML) 1 Page - National Semiconductor (TI)

  D24K Datasheet HTML 1Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
June 1993
24 Lead (0400 Wide) Ceramic Sidebrazed Dual-in-Line Package
NS Package Number D24K
All dimensions are in inches (millimeters)
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax a49 (0) 180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2308
Arlington TX 76017
Email europesupport nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel a49 (0) 180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel a49 (0) 180-532 78 32
Hong Kong
Fran ais Tel a49 (0) 180-532 93 58
Tel (852) 2737-1600
http
www nationalcom
Italiano
Tel a49 (0) 180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Similar Part No. - D24K

ManufacturerPart #DatasheetDescription
logo
Klein Tools, Inc.
D240-6 KLEIN-D240-6 Datasheet
100Kb / 1P
Diagonal-Cutting Pliers, High-Leverage, Stripping, 6-Inch
logo
Dubilier
D2400 DUBILIER-D2400 Datasheet
95Kb / 1P
ALKALINE
logo
Microdc power Technolog...
D240303XMD MICRODC-D240303XMD Datasheet
378Kb / 3P
1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
logo
MORNSUN Science& Techno...
D240505(N)S-1W MORNSUN-D240505(N)S-1W Datasheet
319Kb / 3P
UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D240505D-1W MORNSUN-D240505D-1W Datasheet
319Kb / 3P
UNREGULATED TWIN OUTPUT DC-DC CONVERTER
More results

Similar Description - D24K

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
D40C NSC-D40C Datasheet
59Kb / 1P
40 Lead Ceramic Sidebrazed Dual-in-Line Package NS Package Number D40C
CERPACK NSC-CERPACK Datasheet
350Kb / 10P
10 Lead Cerpack NS Package Number W10A
W14B NSC-W14B Datasheet
62Kb / 1P
14 Lead Ceramic Flatpack NS Package Number W14B
D16D NSC-D16D Datasheet
66Kb / 1P
16 Lead Hybrid Metal Can Dual-in-Line Package NS Package Number D16D
D24C NSC-D24C Datasheet
54Kb / 1P
24 Lead Ceramic Sidebrazed Dual-in-Line Package NS Package Number D24C
MC16A NSC-MC16A Datasheet
53Kb / 1P
16 Lead Ceramic Small Outline Package NS Package Number MC16A
J24A NSC-J24A Datasheet
54Kb / 1P
24 Lead Ceramic Dual-in-Line Package NS Package Number J24A
N28B NSC-N28B Datasheet
74Kb / 1P
28 Lead (0.600횞 Wide) Molded Dual-in-Line Package
TA03A NSC-TA03A Datasheet
59Kb / 1P
3 Lead Molded TO-220 NS Package Number
J22A NSC-J22A Datasheet
67Kb / 1P
22 Lead Ceramic Dual-in-Line Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com