Electronic Components Datasheet Search
  English  ▼

X  

DG9421 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG9421
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9421 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG9421 Datasheet HTML 1Page - Vishay Siliconix DG9421 Datasheet HTML 2Page - Vishay Siliconix DG9421 Datasheet HTML 3Page - Vishay Siliconix DG9421 Datasheet HTML 4Page - Vishay Siliconix DG9421 Datasheet HTML 5Page - Vishay Siliconix DG9421 Datasheet HTML 6Page - Vishay Siliconix DG9421 Datasheet HTML 7Page - Vishay Siliconix DG9421 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DG9421/DG9422
Vishay Siliconix
www.vishay.com
4
Document Number: 70679
S-21424—Rev. C, 26-Aug-02
SPECIFICATIONSa (SINGLE SUPPLY 5 V)
Limits
-40 to 85
_C
Test Conditions Unless Specified
V+ = 5 V, V- = 0 V
VIN = 2.4 V, 0.8 Vf
Parameter
Unit
Maxd
Typc
Mind
Tempb
Test Conditions Unless Specified
V+ = 5 V, V- = 0 V
VIN = 2.4 V, 0.8 Vf
Symbol
Power Supplies
Positive Supply Currente
I+
Room
Hot
0.02
1
5
Negative Supply Currente
I-
VIN = 0 or 5 V
Room
Hot
-1
-5
-0.002
mA
Ground Currente
IGND
Room
Hot
-1
-5
-0.002
SPECIFICATIONSa (SINGLE SUPPLY 3 V)
Test Conditions Unless Specified
Limits
-40 to 85
_C
Parameter
Symbol
V+ = 3 V, V- = 0 V
VIN = 0.4 Vf
Tempb
Mind
Typc
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
3
V
Drain-Source On-Resistance
rDS(on)
V+ = 2.7 V, V- = 0 V
IS = 5 mA, VD = 0.5, 2.2 V
Room
Full
7.3
8.8
10.1
W
IS(off)
V+ = 3.3 V, V- = 0 V
Room
Full
-1
-10
1
10
Switch Off Leakage Currentg
ID(off)
V+ = 3.3 V, V- = 0 V
VD = 1, 2 V, VS = 2, 1 V
Room
Full
-1
-10
1
10
nA
Channel On Leakage Currentg
ID(on)
V+ = 3.3 V, V- = 0 V
VS = VD = 1, 2 V
Room
Full
-1
-10
1
10
Digital Control
Input Current, VIN Lowe
IIL
VIN Under Test = 0.4 V
Full
-1
0.02
1
m
Input Current, VIN Highe
IIH
VIN Under Test = 2.4 V
Full
-1
0.02
1
mA
Dynamic Characteristics
Turn-On Time
tON
RL = 300 W, CL = 35 pF
Room
Full
90
110
125
Turn-Off Time
tOFF
RL = 300 W, CL = 35 pF
VS = 1.5 V See Figure 2
Room
Full
32
84
99
ns
Charge Injectione
Q
Vg = 0 V, Rg = 0 W, CL = 1 nF
Room
0.3
pC
Off Isolatione
OIRR
RL = 50 W, CL = 5 pF,
f = 1 MHz
Room
-60
dB
Source Off Capacitancee
CS(off)
Room
35
Drain Off Capacitancee
CD(off)
f = 1 MHz
Room
34
pF
Channel On Capacitancee
CD(on)
Room
77
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.
g.
Leakage parameters are guaranteed by worst case test conditions and not subject to test.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com