Electronic Components Datasheet Search
  English  ▼

X  

DP8402A Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8402A
Description  DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8402A Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP8402A Datasheet HTML 7Page - National Semiconductor (TI) DP8402A Datasheet HTML 8Page - National Semiconductor (TI) DP8402A Datasheet HTML 9Page - National Semiconductor (TI) DP8402A Datasheet HTML 10Page - National Semiconductor (TI) DP8402A Datasheet HTML 11Page - National Semiconductor (TI) DP8402A Datasheet HTML 12Page - National Semiconductor (TI) DP8402A Datasheet HTML 13Page - National Semiconductor (TI) DP8402A Datasheet HTML 14Page - National Semiconductor (TI) DP8402A Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DP8402A DP8404 Electrical Characteristics
Over Recommended Operating Free-Air Temperature Range (unless otherwise noted)
Symbol
Parameter
Test Conditions
Military
Commercial
Units
Min
Typ
Max
Min
Typ
Max
VIK
VCC e 45V II eb18 mA
b
15
b
15
V
All outputs
VCC e 45V to 55V IOH eb 04 mA
VCCb2VCCb2
VOH
DB or CB
VCC e 45V IOH eb1 mA
24
33
V
VCC e 45V IOH eb26 mA
24
32
ERR or MERR
VCC e 45V IOL e 4 mA
025
04
025
04
VOL
VCC e 45V IOL e 8 mA
035
05
V
DB or CB
VCC e 45V IOL e 12 mA
025
04
025
04
VCC e 45V IOL e 24 mA
035
05
II
S0 or S1
VCC e 55V VI e 7V
01
01
mA
All others
VCC e 55V VI e 55V
01
01
IIH
S0 or S1
VCC e 55V VI e 27V
20
20
m
A
All others
20
20
IIL
S0 or S1
VCC e 55V VI e 04V
b
04
b
04
mA
All others
b
01
b
01
IO
VCC e 55V VO e 225V
b
30
b
112
b
30
b
112
mA
ICC
VCC e 55V (See Note 1)
150
250
150
250
mA
DP8403 DP8405 Electrical Characteristics
Over Recommended Operating Free-Air Temperature Range (unless otherwise noted)
Symbol
Parameter
Test Conditions
Military
Commercial
Units
Min
Typ
Max
Min
Typ
Max
VIK
VCC e 45V II eb18 mA
b
15
b
15
V
VOH
ERR or MERR
VCC e 45V to 55V IOH eb04 mA
VCCb2VCCb2V
IOH
DB or CB
VCC e 45V VOH e 55V
01
01
mA
ERR or MERR
VCC e 45V IOL e 4 mA
025
04
025
04
VOL
VCC e 45V IOL e 8 mA
035
05
V
DB or CB
VCC e 45V IOL e 12 mA
025
04
025
04
VCC e 45V IOL e 24 mA
035
05
II
S0 or S1
VCC e 55V VI e 7V
mA
All others
VCC e 55V VI e 55V
IIH
S0 or S1
VCC e 55V VI e 27V
m
A
All others
IIL
S0 or S1
VCC e 55V VI e 04V
mA
All others
IO
ERR or MERR
VCC e 55V VO e 225V
b
30
b
112
b
30
b
112
mA
ICC
VCC e 55V (See Note 1)
150
150
mA
All typical values are at VCC e 5V TA ea25 C
For IO ports (QA through QH) the parameters IIH and IIL include the off-state output current
The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current IOS
Note 1
ICC is measured with S0 and S1 at 45V and all CB and DB pins grounded
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com