Electronic Components Datasheet Search
  English  ▼

X  

ICS251 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS251
Description  Field Programmable SS VersaClock Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS251 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS251_99 Datasheet HTML 1Page - Integrated Device Technology ICS251_99 Datasheet HTML 2Page - Integrated Device Technology ICS251_99 Datasheet HTML 3Page - Integrated Device Technology ICS251_99 Datasheet HTML 4Page - Integrated Device Technology ICS251_99 Datasheet HTML 5Page - Integrated Device Technology ICS251_99 Datasheet HTML 6Page - Integrated Device Technology ICS251_99 Datasheet HTML 7Page - Integrated Device Technology ICS251_99 Datasheet HTML 8Page - Integrated Device Technology ICS251_99 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
2
REVISION E 05/19/14
ICS251 DATASHEET
Pin Assignment
8-pin (150 mil) SOIC
Output Clock Selection Table
Pin Descriptions
External Components
The ICS251 requires a minimum number of external
components for proper operation.
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
 trace (a commonly
used trace impedance), place a 33
 resistor in series with the
clock line, as close to the clock output pin as possible. The
nominal impedance of the clock output is 20
.
Decoupling Capacitor
As with any high-performance mixed-signal IC, the ICS251
must be isolated from system power supply noise to perform
optimally.
A decoupling capacitor of 0.01µF must be connected between
VDD and the PCB ground plane.
Crystal Load Capacitors
The device crystal connections should include pads for small
capacitors from X1 to ground and from X2 to ground. These
capacitors are used to adjust the stray capacitance of the
board to match the nominally required crystal load
capacitance. Because load capacitance can only be
increased in this trimming process, it is important to keep stray
capacitance to a minimum by using very short PCB traces
(and no vias) been the crystal and device. Crystal capacitors
must be connected from each of the pins X1 and X2 to ground.
The value (in pF) of these crystal caps should equal (CL -6
pF)*2. In this equation, CL= crystal load capacitance in pF.
Example: For a crystal with a 16 pF load capacitance, each
crystal capacitor would be 20 pF [(16-6) x 2] = 20.
X1 / I C L K
VD D
G N D
S0
S1
CL K
X2
1
2
3
4
8
7
6
5
PD T S
S1
S0
CLK (MHz)
Spread
Percentage
0
0
User
Configurable
User
Configurable
01
User
Configurable
User
Configurable
10
User
Configurable
User
Configurable
11
User
Configurable
User
Configurable
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
S0
Input
Select pin 0 for frequency selection on CLK. Internal pull-up resistor.
2
VDD
Power
Connect to +3.3 V.
3
X1/ICLK
XI
Connect this pin to a crystal or external clock input.
4
X2
XO
Connect this pin to a crystal, or float for clock input.
5
CLK
Output
Clock output. Weak internal pull-down when tri-state.
6
S1
Input
Select pin 1 for frequency selection on CLK. Internal pull-up resistor.
7
GND
Power
Connect this to Ground.
8PDTS
Input
Powers down entire chip. Tri-states CLK outputs when low. No internal pull-up
resistor. The pin must be tied either directly or through the external resistor to
VDD or GND. External resistor value must be less than 15kOhm.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com