Electronic Components Datasheet Search
  English  ▼

X  

DP8310N Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8310N
Description  DP7310/DP8310/DP7311/DP8311 Octal Latched Peripheral Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8310N Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP8310N Datasheet HTML 2Page - National Semiconductor (TI) DP8310N Datasheet HTML 3Page - National Semiconductor (TI) DP8310N Datasheet HTML 4Page - National Semiconductor (TI) DP8310N Datasheet HTML 5Page - National Semiconductor (TI) DP8310N Datasheet HTML 6Page - National Semiconductor (TI) DP8310N Datasheet HTML 7Page - National Semiconductor (TI) DP8310N Datasheet HTML 8Page - National Semiconductor (TI) DP8310N Datasheet HTML 9Page - National Semiconductor (TI) DP8310N Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Applications (Continued)
8-Bit Level Translator-Driver
TLF5246 – 15
Digital Controlled 256 Level
Power Supply from 12V to 30V
TLF5246 – 16
200 mA Drive for a 4 Phase Bifilar Stepper Motor
Parallel only
adjacent outputs
TLF5246 – 17
Reading the State of the Latched Peripherals
High Level Input
Voltage must not
Exceed VCC of the
DM81LS96
TLF5246 – 18
Note 1
Always use good VCC bypass and ground techniques to suppress transients caused by peripheral loads
Note 2
Printed circuit board mounting is required if these devices are operated at maximum rated temperature and current (all outputs on DC)
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com