Electronic Components Datasheet Search
  English  ▼

X  

ICS8745BI Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS8745BI
Description  1:5 Differential-to-LVDS Zero Delay Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8745BI Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS8745BI Datasheet HTML 8Page - Integrated Device Technology ICS8745BI Datasheet HTML 9Page - Integrated Device Technology ICS8745BI Datasheet HTML 10Page - Integrated Device Technology ICS8745BI Datasheet HTML 11Page - Integrated Device Technology ICS8745BI Datasheet HTML 12Page - Integrated Device Technology ICS8745BI Datasheet HTML 13Page - Integrated Device Technology ICS8745BI Datasheet HTML 14Page - Integrated Device Technology ICS8745BI Datasheet HTML 15Page - Integrated Device Technology ICS8745BI Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ICS8745BYI REVISION D JUNE 11, 2009
12
©2009 Integrated Device Technology, Inc.
ICS8745BI Data Sheet
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
Recommendations for Unused Input and Output Pins
Inputs:
LVCMOS Control Pins:
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional protection.
A 1k
Ω resistor can be used.
CLK/nCLK Input
For applications not requiring the use of the differential input, both
CLK and nCLK can be left floating. Though not required, but for
additional protection, a 1k
Ω resistor can be tied from CLK to ground.
Outputs:
LVDS Outputs
All unused LVDS output pairs can be either left floating or terminated
with 100
Ω across. If they are left floating, we recommend that there
is no trace attached.
3.3V LVDS Driver Termination
A general LVDS interface is shown in Figure 4. In a 100
Ω differential
transmission line environment, LVDS drivers require a matched load
termination of 100
Ω across near the receiver input. For a multiple
LVDS outputs buffer, if only partial outputs are used, it is
recommended to terminate the unused outputs.
Figure 4. Typical LVDS Driver Termination
3.3V
LVDS Driver
R1
100
Ω
–
+
3.3V
50
Ω
50
Ω
100
Ω Differential Transmission Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com