Electronic Components Datasheet Search
  English  ▼

X  

C13254 Datasheet(PDF) 2 Page - Cree, Inc

Part # C13254
Description  Helena series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C13254 Datasheet(HTML) 2 Page - Cree, Inc

  C13254 Datasheet HTML 1Page - Cree, Inc C13254 Datasheet HTML 2Page - Cree, Inc C13254 Datasheet HTML 3Page - Cree, Inc C13254 Datasheet HTML 4Page - Cree, Inc C13254 Datasheet HTML 5Page - Cree, Inc C13254 Datasheet HTML 6Page - Cree, Inc C13254 Datasheet HTML 7Page - Cree, Inc C13254 Datasheet HTML 8Page - Cree, Inc C13254 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
A
D
3
2
4
1
DESIGNED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
1:1 WEIGHT(g)
SHEET
1/1
SIZE
A4
DRAWING NUMBER
REV
1
DRAWING TITLE
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
Datasheet C13254_HELENA-B Lens
C13254
-
Tolerances for dimensions:
0-20mm tolerance value +-0.1mm
21-45mm tolerance value +-0.2mm
46-90mm tolerance value +-0.3mm
91-100mm tolerance value +-0.4mm
101-mm tolerance value +-0.5mm
Front view
72.
8
Top view
Isometric view
Scale:
1:2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com