Electronic Components Datasheet Search
  English  ▼

X  

HSMS-285L Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # HSMS-285L
Description  Surface Mount Zero Bias Schottky Detector Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-285L Datasheet(HTML) 5 Page - Broadcom Corporation.

  HSMS-285L Datasheet HTML 1Page - Broadcom Corporation. HSMS-285L Datasheet HTML 2Page - Broadcom Corporation. HSMS-285L Datasheet HTML 3Page - Broadcom Corporation. HSMS-285L Datasheet HTML 4Page - Broadcom Corporation. HSMS-285L Datasheet HTML 5Page - Broadcom Corporation. HSMS-285L Datasheet HTML 6Page - Broadcom Corporation. HSMS-285L Datasheet HTML 7Page - Broadcom Corporation. HSMS-285L Datasheet HTML 8Page - Broadcom Corporation. HSMS-285L Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Applications Information
Introduction
Avago’s HSMS-285x family of Schottky detector diodes
has been developed specifically for low cost, high
volume designs in small signal (Pin < -20 dBm) applica-
tions at frequencies below 1.5 GHz. At higher frequen-
cies, the DC biased HSMS-286x family should be consid-
ered.
In large signal power or gain control applications
(Pin> -20 dBm), the HSMS-282x and HSMS-286x prod-
ucts should be used. The HSMS-285x zero bias diode is
not designed for large signal designs.
Schottky Barrier Diode Characteristics
Stripped of its package, a Schottky barrier diode chip
consists of a metal-semiconductor barrier formed by de-
position of a metal layer on a semiconductor. The most
common of several different types, the passivated diode,
is shown in Figure 5, along with its equivalent circuit.
The Height of the Schottky Barrier
The current-voltage characteristic of a Schottky barrier
diode at room temperature is described by the following
equation:
HSMS-285A/6A fig 9
RS
Rj
Cj
METAL
SCHOTTKY JUNCTION
PASSIVATION
PASSIVATION
N-TYPE OR P-TYPE EPI LAYER
N-TYPE OR P-TYPE SILICON SUBSTRATE
CROSS-SECTION OF SCHOTTKY
BARRIER DIODE CHIP
EQUIVALENT
CIRCUIT
LP
RS
RV
Cj
CP
FOR THE HSMS-285x SERIES
CP = 0.08 pF
LP = 2 nH
Cj = 0.18 pF
RS = 25 Ω
RV = 9 KΩ
Figure 5. Schottky Diode Chip.
RS is the parasitic series resistance of the diode, the sum
of the bondwire and leadframe resistance, the resistance
of the bulk layer of silicon, etc. RF energy coupled into
RS is lost as heat—it does not contribute to the rectified
output of the diode. CJ is parasitic junction capacitance
of the diode, controlled by the thickness of the epitaxial
layer and the diameter of the Schottky contact. Rj is the
junction resistance of the diode, a function of the total
current flowing through it.
Figure 6. Equivalent Circuit of a Schottky Diode.
where
n = ideality factor (see table of SPICE parameters)
T = temperature in °K
IS = saturation current (see table of SPICE parameters)
Ib = externally applied bias current in amps
IS is a function of diode barrier height, and can range
from picoamps for high barrier diodes to as much as 5
µA for very low barrier diodes.
On a semi-log plot (as shown in the Avago catalog) the
current graph will be a straight line with inverse slope
2.3 X 0.026 = 0.060 volts per cycle (until the effect of RS is
seen in a curve that droops at high current). All Schottky
diode curves have the same slope, but not necessar-
ily the same value of current for a given voltage. This is
determined by the saturation current, IS, and is related to
the barrier height of the diode.
Through the choice of p-type or n-type silicon, and the
selection of metal, one can tailor the characteristics of a
Schottky diode. Barrier height will be altered, and at the
same time CJ and RS will be changed. In general, very
low barrier height diodes (with high values of IS, suit-
able for zero bias applications) are realized on p-type
silicon. Such diodes suffer from higher values of RS than
do the n-type. Thus, p-type diodes are generally reserved
for small signal detector applications (where very high
values of RV swamp out high RS) and n-type diodes are
used for mixer applications (where high L.O. drive levels
keep RV low).
Measuring Diode Parameters
The measurement of the five elements which make up
the low frequency equivalent circuit for a packaged
Schottky diode (see Figure 6) is a complex task. Various
techniques are used for each element. The task begins
with the elements of the diode chip itself.
V - IR
S
I = I
S (exp (
)-1)
0.026
0.026
I
f
26,000
R
≈
V
I
S + Ib
8.33 X 10-5 n T
R
j =
V– Rs
I
S + I b
0.026
=
at 25°C
I
S + Ib
= R
R
S = Rd –
V - IR
S
I = I
S (exp (
)-1)
0.026
0.026
I
f
26,000
R
≈
V
I
S + Ib
8.33 X 10-5 n T
R
j =
V– Rs
I
S + I b
0.026
=
at 25°C
I
S + Ib
= R
R
S = Rd –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com