Electronic Components Datasheet Search
  English  ▼

X  

1048049 Datasheet(PDF) 2 Page - SICK AG

Part # 1048049
Description  SENSORS FOR T-SLOT CYLINDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1048049 Datasheet(HTML) 2 Page - SICK AG

  1048049 Datasheet HTML 1Page - SICK AG 1048049 Datasheet HTML 2Page - SICK AG 1048049 Datasheet HTML 3Page - SICK AG 1048049 Datasheet HTML 4Page - SICK AG 1048049 Datasheet HTML 5Page - SICK AG 1048049 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MZT8-28VPS-KU0 | MZT8
SENSORS FOR T-SLOT CYLINDERS
Ordering information
Type
Part no.
MZT8-28VPS-KU0
1048049
Other models and accessories
www.sick.com/MZT8
Detailed technical data
Features
Cylinder type
T-slot
Cylinder types with adapter
Profile cylinder
Tie rod cylinder
Round body cylinder
Dovetail groove cylinder
SMC rail CDQ2
SMC rail ECDQ2
Housing length
24 mm
Output type
PNP
Switching frequency
1,000 Hz
Output function
NO
Electrical wiring
DC 3-wire
Enclosure rating
IP68 1)
IP69K 2)
1) According to EN 60529 (IP 67 / IP 68).
2) According to DIN 40050 (IP 69K).
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Power consumption
≤ 10 mA 1)
Voltage drop
≤ 2.2 V
Continuous current Ia
≤ 200 mA
Protection class
III
Time delay before availability
25 ms
Response sensitivity, typ.
2.8 mT
Overrun distance, typ.
9 mm
Hysteresis, typ.
> 0.5 mT
1) Without load.
2) Ub and Ta constant.
2
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com