Electronic Components Datasheet Search
  English  ▼

X  

FX709LH Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # FX709LH
Description  VOICE STORE RETRIEVE CVSD CODEC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FX709LH Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button FX709LH Datasheet HTML 4Page - List of Unclassifed Manufacturers FX709LH Datasheet HTML 5Page - List of Unclassifed Manufacturers FX709LH Datasheet HTML 6Page - List of Unclassifed Manufacturers FX709LH Datasheet HTML 7Page - List of Unclassifed Manufacturers FX709LH Datasheet HTML 8Page - List of Unclassifed Manufacturers FX709LH Datasheet HTML 9Page - List of Unclassifed Manufacturers FX709LH Datasheet HTML 10Page - List of Unclassifed Manufacturers FX709LH Datasheet HTML 11Page - List of Unclassifed Manufacturers FX709LH Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Handling Precautions
The FX709 is a CMOS LSI circuit which includes input
protection. However precautions should be taken to
prevent static discharges which may cause damage.
CML does not assume any responsibility for the use of any circuitry described. No circuit patent licences are implied
and CML reserves the right at any time without notice to change the said circuitry.
Ordering Information
FX709J
28-pin cerdip DIL
(J5)
FX709LH
28-lead plastic leaded chip
carrier
(L3)
Package Outlines
The FX709 is available in the package styles outlined
below. Mechanical package diagrams and specifications
are detailed in Section 10 of this document.
Pin 1 identification marking is shown on the relevant
diagram and pins on all package styles number
anti-clockwise when viewed from the top.
FX709LH
28-lead plastic leaded chip
carrier
(L3)
FX709J
28-pin cerdip DIL
(J5)
NOT TO SCALE
Max. Body Length
37.08mm
Max. Body Width
13.36mm
NOT TO SCALE
Max. Body Length
11.58mm
Max. Body Width
11.58mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com