Electronic Components Datasheet Search
  English  ▼

X  

MAP3301B Datasheet(PDF) 9 Page - MagnaChip Semiconductor.

Part # MAP3301B
Description  Single Channel LED Driverwith Internal Dimming MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3301B Datasheet(HTML) 9 Page - MagnaChip Semiconductor.

Back Button MAP3301B Datasheet HTML 5Page - MagnaChip Semiconductor. MAP3301B Datasheet HTML 6Page - MagnaChip Semiconductor. MAP3301B Datasheet HTML 7Page - MagnaChip Semiconductor. MAP3301B Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3301B Datasheet HTML 9Page - MagnaChip Semiconductor. MAP3301B Datasheet HTML 10Page - MagnaChip Semiconductor. MAP3301B Datasheet HTML 11Page - MagnaChip Semiconductor. MAP3301B Datasheet HTML 12Page - MagnaChip Semiconductor. MAP3301B Datasheet HTML 13Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Confidential
Datasheet Version 1.0
December
2012
Page 9
Application Information
Current Mode Boost switching regulator
operation
MAP3301B is being used Current mode control scheme for
boost regulation so its response is fast and output voltage is
stable.
Supply voltage and Oscillator
MAP3301B has wide input voltage ranged from 8.5V to 33V.
1uF decoupling capacitor is used to stabilize the internal
regulator and minimize noise on VCC pin. This decoupling
capacitor should be placed next to VCC pin. Ceramic
capacitor is recommended and incorrect placement of this
decoupling capacitor may cause the oscillation in the
switching waveform
MAP3301B is being operated at fixed 200Khz Switching
frequency and max duty is 90%.
LED Current Input setting (ADIM Input)
MAP3301B’s LED current is set by the voltage on ADIM pin
and LED sense resistor value as below.
Fig 1. Schematic for LED current set
R
_
Sense
_
Current
_
LED
V
=
I
ADIM
LED
The voltage range on ADIM pin is 0.1V ~ 3.0V. But it is
recommended that ADIM Input voltage is higher than 0.4V.
The GM Amp Input VOFFSET is ±5mV. If ADIM voltage use to
below 0.4V, LED current tolerance is increases.
Dimming PWM Input
MAP3301B’s PWMI signal is used for both Enable and PWM
dimming input. MAP3301B is enabled when PWMI voltage is
higher than 2.0V and disabled when PWMI
voltage is lower than 0.8V. This pin has internal 100Kohm
pull down resistance
PWM Input
Condition
High (2.0V)
Enable
Low (0.8V)
Disable
Enable Input
MAP3301B’s offers an Enable Function. MAP3301B is
enabled when EN voltage is higher than 2.0V and disabled
when EN voltage is lower than 0.8V. This pin has internal
125Kohm pull down resistance
EN Input
Condition
High (2.0V)
Enable
Low (0.8V)
Disable
Protection
MAP3301B has Under Voltage Lock Out (UVLO), Boost
switch current limit, Output Over Voltage Protection (OVP),
Line Under Voltage Protection(LUVP), LED Short Current
Protection(SCP).
When OVP and LED SCP are happened, MAP3301B
monitors if the failure condition is released or not every
1mS at Fs 200Khz.
This is MAP3301B’s Auto restart function.
1.
Under Voltage Lock Out (UVLO)
When VCC is higher than 8.0V, MAP3301B’s internal 5V
regulator and internal circuitry like oscillator, protections,
Gate drivers and PDIMO drivers are enabled, and the
MAP3301B starts to operate when PWMI voltage and EN
signal are higher than 2.0V.
If VCC is lower than 7.0V, MAP3301B is disable due to its
under voltage lock out.
2.
Boost current limit and Current Sense (CS)
MAP3301B has the Boost current limit function. If the
voltage on CS pin is higher than 0.49V (Typ.), the gate
pulse is limited every pulse. MAP3301B has 100nS
(Min.) leading edge blank.
3.
Output Over Voltage Protection (OVP)
When
MAP3301B’s
output
voltage
is
increased
abnormally, MAP3301B stops the switching to protect
external components.
MAP3301B has 200nS (Typ.) low pass filter on OVP pin,
but
using
external
Capacitor
is
recommended
to
minimize noise. The total values of ROVPH and ROVPL
need to be lower than 1Mohm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com