Electronic Components Datasheet Search
  English  ▼

X  

G692 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G692
Description  4-Pin UP Voltage Monitors with Manual Reset Input
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G692 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G692 Datasheet HTML 1Page - List of Unclassifed Manufacturers G692 Datasheet HTML 2Page - List of Unclassifed Manufacturers G692 Datasheet HTML 3Page - List of Unclassifed Manufacturers G692 Datasheet HTML 4Page - List of Unclassifed Manufacturers G692 Datasheet HTML 5Page - List of Unclassifed Manufacturers G692 Datasheet HTML 6Page - List of Unclassifed Manufacturers G692 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ver: 1.0
Sep 23, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G692/G693
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Terminal Voltage (with respect to GND)
VCC.……………………………..…….…….-0.3V to +6.0V
RESET, RESET (push-pull)....…....-0.3V to (VCC + 0.3V)
RESET (open drain)...….......................-0.3V to +6.0V
Input Current, VCC ............................….................20mA
Output Current, RESET, RESET ........................20mA
Continuous Power Dissipation (TA = +70°C)
SOT 143 (derate 4mW/°C above +70°C)….…....320mW
Operating Temperature Range …..…....-40°C to +105°C
Storage Temperature Range..….……....-65°C to +150°C
Lead Temperature (soldering, 10s) ……....…......+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause p’ermanent damage to the device. These are stress rat-
ings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP MAX UNITS
TA = 0°C +70°C
1.0
5.5
VCC Range
TA = -40°C +105°C
1.2
5.5
V
VCC<5.5V, G69_ _463/438/400_
5.5
9
Supply Current
ICC
TA = -40°C +105°C
VCC<3.6V, G69_ _308/293/263_
5
8
µA
G69_ _463_
TA = +25°C
4.537 4.63
4.722
G69_ _438_
TA = +25°C
4.292 4.38
4.467
G69_ _400_
TA = +25°C
3.92
4.00
4.08
G69_ _308_
TA = +25°C
3.018
3.08 3.141
G69_ _293_
TA = +25°C
2.871
2.93 2.988
Reset Threshold
VTH
G69_ _263_
TA = +25°C
2.577
2.63 2.682
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com