Electronic Components Datasheet Search
  English  ▼

X  

FN15735 Datasheet(PDF) 4 Page - Cree, Inc

Part # FN15735
Description  Ronda series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FN15735 Datasheet(HTML) 4 Page - Cree, Inc

  FN15735 Datasheet HTML 1Page - Cree, Inc FN15735 Datasheet HTML 2Page - Cree, Inc FN15735 Datasheet HTML 3Page - Cree, Inc FN15735 Datasheet HTML 4Page - Cree, Inc FN15735 Datasheet HTML 5Page - Cree, Inc FN15735 Datasheet HTML 6Page - Cree, Inc FN15735 Datasheet HTML 7Page - Cree, Inc FN15735 Datasheet HTML 8Page - Cree, Inc FN15735 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
-
SHEET
3/3
SIZE
A3
DRAWING TITLE
RONDA-B family
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
TYPICAL CONNECTOR ASSEMBLY (including solderless BJB
47.319.2xxx 50mm as example)
TYPICAL CONNECTOR ASSEMBLY (including solderless IDEAL
chip lok jr 50-20 as example)
1. Place pin on the side of the lens into relative
hole on the holder.
B
DET B
Pin
Holder hole
2. Press the lens under clips on the holder, ensuring both
clips are fixed.
Clip
Clip
Pin
OPTIC/HOLDER ASSEMBLY
1. Assemble LED and BJB connector on
heatsink with M3 screw.
2. Attach optic by aligning hooks in the
holder with connector holes and turning
the optic holder clockwise until it locks.
1. Assemble LED and IDEAL connector
on heatsink with M3 screw.
2. Attach optic by aligning the screw
towers in the holder with relative
holes in heatsink. Optionally use 2
position pins in the holder bottom as
focus element.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com