Electronic Components Datasheet Search
  English  ▼

X  

FN15737 Datasheet(PDF) 1 Page - Cree, Inc

Part # FN15737
Description  Ronda series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FN15737 Datasheet(HTML) 1 Page - Cree, Inc

  FN15737 Datasheet HTML 1Page - Cree, Inc FN15737 Datasheet HTML 2Page - Cree, Inc FN15737 Datasheet HTML 3Page - Cree, Inc FN15737 Datasheet HTML 4Page - Cree, Inc FN15737 Datasheet HTML 5Page - Cree, Inc FN15737 Datasheet HTML 6Page - Cree, Inc FN15737 Datasheet HTML 7Page - Cree, Inc FN15737 Datasheet HTML 8Page - Cree, Inc FN15737 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Ronda series
last update 12/4/2017
DETAILS
Product Number
FN15737_RONDA-WWW-B
Family
Ronda
Type
Assembly
Color
white
Diameter
69,9 mm
Height
14,6 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
Status
sample approved
ROHS Comliant
Yes
Date Updated
12/04/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
H12
sim: 80
Asymmetric 82 %
-
BJB: 47.319.2131
V10 Gen7
sim: 90
Asymmetric sim: 82 % sim: 0.440 IDEAL: 50-2002CT
V13 Gen7
78 deg
Asymmetric 88 %
0.520
-
CLL02x/CLU02x (LES10)
sim: 90
Asymmetric 86 %
-
IDEAL: 50-2002CT
CXA/B 1816 & CXA/B 1820 & CXA 1850 sim: 90
Asymmetric 87 %
-
BJB: 47.319.2131
CXA/B 1816 & CXA/B 1820 & CXA 1850 sim: 90
Asymmetric 87 %
-
IDEAL: 50-3001CR
CXA/B 15xx
sim: 90
Asymmetric 87 %
-
IDEAL: 50-2000CR
Mini Zenigata (GW6BM)
sim: 88
Asymmetric 86 %
-
IDEAL: 50-2000P
SLE G6 LES15 H D50
sim: 75
Asymmetric sim: 80 % sim: 0.450 -
May 29th 2017 7:24 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FN15737

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15737 LEDIL-FN15737 Datasheet
8Mb / 7P
~90째 very wide beam with holder B compatible
FN15737 LEDIL-FN15737_18 Datasheet
8Mb / 7P
~90째 very wide beam with holder B compatible
More results

Similar Description - FN15737

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN15314 CREE-FCN15314 Datasheet
1Mb / 9P
Ronda series
FCN15316 CREE-FCN15316 Datasheet
1Mb / 9P
Ronda series
FCN15740 CREE-FCN15740 Datasheet
1Mb / 5P
Ronda series
FCN15357 CREE-FCN15357 Datasheet
1Mb / 13P
Ronda series
FN15731 CREE-FN15731 Datasheet
1Mb / 9P
Ronda series
FN15733 CREE-FN15733 Datasheet
1Mb / 9P
Ronda series
FN15734 CREE-FN15734 Datasheet
1Mb / 7P
Ronda series
FN15738 CREE-FN15738 Datasheet
1Mb / 7P
Ronda series
FCN15209 CREE-FCN15209 Datasheet
1Mb / 7P
Ronda series
FCN15302 CREE-FCN15302 Datasheet
1Mb / 5P
Ronda series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com