Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  Sitara Processors Silicon Revision 2.0
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5716 Datasheet(HTML) 2 Page - Texas Instruments

  AM5716 Datasheet HTML 1Page - Texas Instruments AM5716 Datasheet HTML 2Page - Texas Instruments AM5716 Datasheet HTML 3Page - Texas Instruments AM5716 Datasheet HTML 4Page - Texas Instruments AM5716 Datasheet HTML 5Page - Texas Instruments AM5716 Datasheet HTML 6Page - Texas Instruments AM5716 Datasheet HTML 7Page - Texas Instruments AM5716 Datasheet HTML 8Page - Texas Instruments AM5716 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 396 page
background image
2
AM5718, AM5716
SPRS957D – MARCH 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Device Overview
Copyright © 2016–2017, Texas Instruments Incorporated
1.2
Applications
•
Industrial Communication
•
Human Machine Interface (HMI)
•
Automation and Control
•
High Performance Applications
•
Other General Use
1.3
Description
AM571x Sitara ARM applications processors are built to meet the intense processing needs of the modern
embedded products.
AM571x devices bring high processing performance through the maximum flexibility of a fully integrated
mixed processor solution. The devices also combine programmable video processing with a highly
integrated peripheral set.
Programmability is provided by a single-core ARM Cortex-A15 RISC CPU with Neon™ extensions and a
TI C66x VLIW floating-point DSP core. The ARM processor lets developers keep control functions
separate from vision algorithms programmed on the DSP and coprocessors, thus reducing the complexity
of the system software.
Additionally, TI provides a complete set of development tools for the ARM and C66x DSP, including C
compilers, a DSP assembly optimizer to simplify programming and scheduling, and a debugging interface
for visibility into source code execution.
The AM571x Sitara ARM processor family is qualified according to the AEC-Q100 Standard.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
AM571x
FCBGA (760)
23.0 mm × 23.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com