Electronic Components Datasheet Search
  English  ▼

X  

ISO7730 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7730
Description  High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7730 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7730 Datasheet HTML 17Page - Texas Instruments ISO7730 Datasheet HTML 18Page - Texas Instruments ISO7730 Datasheet HTML 19Page - Texas Instruments ISO7730 Datasheet HTML 20Page - Texas Instruments ISO7730 Datasheet HTML 21Page - Texas Instruments ISO7730 Datasheet HTML 22Page - Texas Instruments ISO7730 Datasheet HTML 23Page - Texas Instruments ISO7730 Datasheet HTML 24Page - Texas Instruments ISO7730 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
985
1.5 M
INx
VCCI
VCCI
VCCI
Input (Devices without F suffix)
985
1.5 M
INx
VCCI
VCCI
VCCI
VCCI
Input (Devices with F suffix)
Enable
1970
2 M
ENx
VCCO
VCCO
VCCO
VCCO
Output
VCCO
~20
OUTx
Copyright © 2016, Texas Instruments Incorporated
21
ISO7730, ISO7731
www.ti.com
SLLSES0D – SEPTEMBER 2016 – REVISED MAY 2017
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC; PU = Powered up (VCC ≥ 2.25 V); PD = Powered down (VCC ≤ 1.7 V); X = Irrelevant; H
= High level; L = Low level ; Z = High Impedance
(2)
A strongly driven input signal can weakly power the floating VCC via an internal protection diode and cause undetermined output.
(3)
The outputs are in undetermined state when 1.7 V < VCCI, VCCO < 2.25 V.
8.4 Device Functional Modes
Table 2 lists the functional modes for the ISO773x devices.
Table 2. Function Table(1)
VCCI
VCCO
INPUT
(INx)(2)
OUTPUT
ENABLE
(ENx)
OUTPUT
(OUTx)
COMMENTS
PU
PU
H
H or open
H
Normal Operation:
A channel output assumes the logic state of its input.
L
H or open
L
Open
H or open
Default
Default mode: When INx is open, the corresponding channel output goes
to its default logic state. Default is High for ISO773x and Low for ISO773x
with F suffix.
X
PU
X
L
Z
A low value of Output Enable causes the outputs to be high-impedance
PD
PU
X
H or open
Default
Default mode: When VCCI is unpowered, a channel output assumes the
logic state based on the selected default option. Default is High for
IISO773x and Low for ISO773x with F suffix.
When VCCI transitions from unpowered to powered-up, a channel output
assumes the logic state of its input.
When VCCI transitions from powered-up to unpowered, channel output
assumes the selected default state.
X
PD
X
X
Undetermined
When VCCO is unpowered, a channel output is undetermined
(3).
When VCCO transitions from unpowered to powered-up, a channel output
assumes the logic state of its input
8.4.1 Device I/O Schematics
Figure 19. Device I/O Schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com