Electronic Components Datasheet Search
  English  ▼

X  

MAP3613 Datasheet(PDF) 13 Page - MagnaChip Semiconductor.

Part # MAP3613
Description  3-CH Average Current Control Buck Controller for LED Backlight
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3613 Datasheet(HTML) 13 Page - MagnaChip Semiconductor.

Back Button MAP3613 Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3613 Datasheet HTML 9Page - MagnaChip Semiconductor. MAP3613 Datasheet HTML 10Page - MagnaChip Semiconductor. MAP3613 Datasheet HTML 11Page - MagnaChip Semiconductor. MAP3613 Datasheet HTML 12Page - MagnaChip Semiconductor. MAP3613 Datasheet HTML 13Page - MagnaChip Semiconductor. MAP3613 Datasheet HTML 14Page - MagnaChip Semiconductor. MAP3613 Datasheet HTML 15Page - MagnaChip Semiconductor. MAP3613 Datasheet HTML 16Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Confidential
Datasheet Version 1.0
Mar 28
th 2016
13
External Components Selection
Inductor
In order to achieve accurate constant current output,
the MAP3613 is required to operate in Continuous
Conduction Mode (CCM) under all operating conditions.
In general, the magnitude of the inductor ripple current
should be kept as small as possible. If the PCB size is
not limited, higher inductance values result in better
accuracy of the output current. However, in order to
minimize the physical size of the circuit, an inductor
with minimum physical outline should be selected such
that the converter always operates in CCM and the
peak inductor current does not exceed the saturation
current limit of the inductor.
The Min. inductance(boundary inductance) which
guarantees CCM operation can be calculated as;
OUT
LB
I
I
2
SW
OUT
OUT
OFF
LB
OUT
MIN
f
I
D
V
t
I
V
L
2
)
1
(
The ripple current through chosen inductor is as
following equation;
SW
OUT
IN
L
f
L
D
V
V
I
)
(
For
example,
in
case
VIN=175V,
VOUT=135V,
IOUT(ILED)=425mA,
fSW=50kHz
and
target
ripple
current=300mA;
77
.
0
175
135 
IN
OUT
V
V
D
]
[
73
.
0
10
50
425
.
0
2
)
77
.
0
1
(
135
2
)
1
(
3
mH
f
I
D
V
L
SW
OUT
OUT
MIN
The ripple current at LMIN is 2*IOUT=850[mA] and this is
too large to use.
For target ripple current(ΔIL=300mA);
]
[
05
.
2
10
50
3
.
0
77
.
0
)
135
175
(
)
(
3
mH
f
I
D
V
V
L
SW
L
OUT
IN
In this case, the chosen conventional inductor is
2mH/1A.
MOSFET
The power MOSFET is chosen based on maximum
stress voltage, maximum peak MOSFET current, total
power losses, maximum allowed operating temperature
and the driver capability of the MAP3613.
Maximum stress voltage on the power MOSFET
(drain-source voltage) for this buck converter is equal
to the input voltage. The power MOSFET must be
selected with some voltage margin. For example, if the
input voltage is maximally 400 V, then maximum drain-
source voltage should be 450 V or higher.
Maximum peak MOSFET current was selected in
order to calculate the inductor size. Also in this case,
the power MOSFET must be chosen with some current
margin.
The power losses in the MOSFET can be separated
into conduction losses and switching losses. The
conduction loss, PCOND, is the I2R loss across the
MOSFET. The conduction loss is given by;
k
I
R
P
RMS
ON
DS
COND
2
)
(
Where, k is the temperature coefficient of the
MOSFET.
The switching loss is related to QGD and QGS1 which
determine the commutation time. QGS1 is the charge
between the threshold voltage and the plateau voltage
when a driver charges the gate, which can be read in
the chart of VGS vs. QG of the MOSFET datasheet. QGD
is the charge during the plateau voltage. These two
parameters are needed to estimate the turn on and turn
off loss.
SW
IN
DS
PLT
DR
G
GD
SW
IN
DS
TH
DR
G
GS
SW
f
I
V
V
V
R
Q
f
I
V
V
V
R
Q
P
1
where VTH is the threshold voltage, VPLT is the plateau
voltage, RG is the gate resistance, VDS is the drain-
source voltage, VDR is the drive voltage
The total gate charge, QG, is used to calculate the
gate drive loss. The expression is
SW
DR
G
DR
f
V
Q
P
Fast switching MOSFETs can cause noise spikes
which may affect performance. To reduce these spikes
a drive resistor can be placed between GATE pin and
the MOSFET gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com