Electronic Components Datasheet Search
  English  ▼

X  

GS71108ATP Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GS71108ATP
Description  128K x 8 1Mb Asynchronous SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS71108ATP Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GS71108ATP Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 9Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 10Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 11Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 12Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 13Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Rev: 1.04a 10/2002
14/14
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71108ATP/J/SJ/U
1Mb Asynchronous Datasheet Revision History
Rev. Code: Old;
New
Types of Changes
Format or Content
Page #/Revisions/Reason
71108A_r1
• Creation of new datasheet
71108A_r1; 71108A_r1_01
Content
• Added 6 ns speed bin to entire document
71108A_r1_01; 71108A _r1_02
Content
• Updated all power numbers
• Changed 6 mm x 10 mm package designator from U to X
71108A_r1_02; 71108A _r1_03
Content
• Updated Recommended Operating Conditions table on page 3
• Updated Power Supply Currents table
• Changed FPBGA package from 6 x 10 to 6 x 8 (package U)
71108A_r1_03; 71108A _r1_04
Content
• Removed 6 ns speed bin from entire document
• Added 7 ns speed bin to entire document



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com