Electronic Components Datasheet Search
  English  ▼

X  

MDD1902 Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDD1902
Description  Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDD1902 Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDD1902 Datasheet HTML 1Page - MagnaChip Semiconductor. MDD1902 Datasheet HTML 2Page - MagnaChip Semiconductor. MDD1902 Datasheet HTML 3Page - MagnaChip Semiconductor. MDD1902 Datasheet HTML 4Page - MagnaChip Semiconductor. MDD1902 Datasheet HTML 5Page - MagnaChip Semiconductor. MDD1902 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Nov. 2010. Version 1.0
MagnaChip Semiconductor Ltd.
4
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
Fig.9 Maximum Safe Operating Area
Fig.10 Maximum Drain Current vs. Case
Temperature
Fig.11 Transient Thermal Response Curve
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
* Note ; I
D = 20A
Q
g [nC]
0
5
10
15
20
25
30
35
40
0
500
1000
1500
2000
2500
3000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS [V]
10
-1
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
10
3
100ms
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
R
θ jC=1.5℃
/W
T
a=25
℃
V
DS [V]
25
50
75
100
125
150
0
10
20
30
40
50
T
C [
℃
]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-3
10
-2
10
-1
10
0
10
1
0.01
※ Notes :
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Z
θ Ja* Rθ Ja(t) + Ta
R
Θ JC=1.5℃
/W
single pulse
D=0.5
0.02
0.2
0.05
0.1
t
1, Rectangular Pulse Duration [sec]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com