Electronic Components Datasheet Search
  English  ▼

X  

1N4100 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 1N4100
Description  Consolidated shipping options
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N4100 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  1N4100 Datasheet HTML 1Page - Central Semiconductor Corp 1N4100 Datasheet HTML 2Page - Central Semiconductor Corp 1N4100 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N4099 THRU 1N4135
SILICON ZENER DIODE
LOW NOISE
6.8 VOLT THRU 100 VOLT
250mW, 5% TOLERANCE
DO-35 CASE - MECHANICAL OUTLINE
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.1V MAX @ IF=200mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
NOISE
DENSITY
MIN
NOM
MAX
IZT
ZZT @ IZT
IR
@
VR
IZM
ND @ 250μA
V
V
V
μA
Ω
μA
V
mA
μV/ Hz
1N4122
34.20
36
37.80
250
200
0.01
27.4
6.6
40
1N4123
37.05
39
40.95
250
200
0.01
29.7
6.1
40
1N4124
40.85
43
45.15
250
250
0.01
32.7
5.5
40
1N4125
44.65
47
49.35
250
250
0.01
35.8
5.1
40
1N4126
48.45
51
53.55
250
300
0.01
38.8
4.6
40
1N4127
53.20
56
58.80
250
300
0.01
42.6
4.2
40
1N4128
57.00
60
63.00
250
400
0.01
45.6
4.0
40
1N4129
58.90
62
65.10
250
500
0.01
47.1
3.8
40
1N4130
64.60
68
71.40
250
700
0.01
51.7
3.5
40
1N4131
71.25
75
78.75
250
700
0.01
57.0
3.1
40
1N4132
77.90
82
86.10
250
800
0.01
62.4
2.9
40
1N4133
82.65
87
91.35
250
1.0K
0.01
66.2
2.7
40
1N4134
86.45
91
95.55
250
1.2K
0.01
69.2
2.6
40
1N4135
95.00
100
105.0
250
1.5K
0.01
76.0
2.3
40
www.centr a lsemi.com
R1 (4-February 2014)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com